Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 2Page - ams-OSRAM AG AS7058 Datasheet HTML 3Page - ams-OSRAM AG AS7058 Datasheet HTML 4Page - ams-OSRAM AG AS7058 Datasheet HTML 5Page - ams-OSRAM AG AS7058 Datasheet HTML 6Page - ams-OSRAM AG AS7058 Datasheet HTML 7Page - ams-OSRAM AG AS7058 Datasheet HTML 8Page - ams-OSRAM AG AS7058 Datasheet HTML 9Page - ams-OSRAM AG AS7058 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 199 page
background image
AS7058
General description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
6 / 199
/
1.3
Block diagram
The functional blocks of this device are shown below:
Figure 1: Functional blocks of AS7058
32kHz
Osc.
INT
MOD 1
Current input
20 bit delta-sigma
8 Bit
DAC
PD Offset
8 Bit
DAC
MOD 3
Voltage input
20 bit delta-sigma
BioZ / GSR
(Amp, Generator,
Demodulator,
LED/VCSEL Driver 1
...
LED/VCSEL Driver 2
Sequencer
Interrupt
SINC
Filter
Post
Processing
IIR
Filter
FIFO
VCSEL Safety Protection
AS7058
Vital Signs Monitoring AFE
LED1
LED4
...
LED5
LED8
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
ECG_REF
ECG_INP
ECG_INN
BIOZ1
BIOZ2
BIOZ3
BIOZ4
SCL
SDA_MOSI
MISO
CSXN
GPIO
EXTCLK_SYNC
PGND1
PGND2
VAVDD
VAVDD
VIOVDD
VDVDD
MOD 2
Current input
20 bit delta-sigma
ECG Amp
Reference
Leadoff-Detection
PD Offset
2MHz
Osc.
PLL / CGU
Digital Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com