Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 26Page - ams-OSRAM AG AS7058 Datasheet HTML 27Page - ams-OSRAM AG AS7058 Datasheet HTML 28Page - ams-OSRAM AG AS7058 Datasheet HTML 29Page - ams-OSRAM AG AS7058 Datasheet HTML 30Page - ams-OSRAM AG AS7058 Datasheet HTML 31Page - ams-OSRAM AG AS7058 Datasheet HTML 32Page - ams-OSRAM AG AS7058 Datasheet HTML 33Page - ams-OSRAM AG AS7058 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
30 / 199
/
7.4
PPG/ECG sequencer
In order to unload MCU with re-occurring measurement tasks to be triggered and its related
timing constraints, AS7058 has a built in measurement sequencer which controls all relevant
PPG and ECG/Bioimpedance blocks with its corresponding timings. An overview of the
sequencer timing diagram is shown in Figure 27.
Figure 27: PPG/ECG sequencer timing diagram
The sequencer basically supports three different sample rates which can be configured
independently from each other. All timings for the sequencer are derived from the on-chip
32 kHz oscillator. The PPG measurement channel can be configured independently from the
ECG/BioZ sampling periods. Whereas the PPG channel allows for one sample rate for each
PPG sample measurement the ECG/BioZ sequencer supports two different sample rates
which are called SEQ1 Sample Period and SEQ2 Sample Period. The benefit of having two
different sample rates as part of the ECG/BioZ sequencer, like it is shown in Figure 27, is that
an ECG measurement can for example run with SEQ2 at a sample rate of e.g. 400 Hz and the
AC lead off detection can run with SEQ1 at a much higher frequency.
Figure 28: Sequencer clock generation
PPG
Seqeuncer
ECG / BioZ
Sequenzer
PPG
Sample
PPG
Sample
PPG
Sample
PPG
Sample
PPG Sample Period
PPG Sample Period
PPG Sample Period
PPG Sample Period
ECG/BioZ
Sample
SEQ2
SEQ1
SEQ1 Sample Period
ECG/BioZ
Sample
SEQ1
ECG/BioZ
Sample
SEQ2
SEQ1
ECG/BioZ
Sample
SEQ1
SEQ1 Sample Period
SEQ1 Sample Period
SEQ1 Sample Period
ECG/BioZ
Sample
SEQ1
SEQ1 Sample Period
ECG/BioZ
Sample
SEQ1
SEQ 2 Sample Period
SEQ 2 Sample Period
t
32kHz
On Chip Oscillator
ECG Base Divider
16 bit
PPG Clock Divider
16 bit
ECG 2 Clock Divider
16 bit
ECG2_FREQDIVH[7: 0]
ECG2_FREQDIVL[7:0]
PPG_FREQH[7:0]
PPG_FREQL[7: 0]
Clock to PPG Sequencer
Clock to ECGPPG Sequencer 2
ECG_FREQH[7:0]
ECG_FREQL[7:0]
ECG 1 Clock Divider
16 bit
ECG1_FREQDIVH[7: 0]
ECG1_FREQDIVL[7:0]
Clock to ECG/PPG Sequencer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com