Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 45 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 45 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 41Page - ams-OSRAM AG AS7058 Datasheet HTML 42Page - ams-OSRAM AG AS7058 Datasheet HTML 43Page - ams-OSRAM AG AS7058 Datasheet HTML 44Page - ams-OSRAM AG AS7058 Datasheet HTML 45Page - ams-OSRAM AG AS7058 Datasheet HTML 46Page - ams-OSRAM AG AS7058 Datasheet HTML 47Page - ams-OSRAM AG AS7058 Datasheet HTML 48Page - ams-OSRAM AG AS7058 Datasheet HTML 49Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
45 / 199
/
7.6
ECG/BioZ sample structure
The ECG/BioZ sequencer supports two sequencers (Sequencer 1 and Sequencer 2) which
can run with two different sample periods. Sequencer 1 has the option to enable two sub-
samples which is typically used for bioimpedance measurements where in subsample 1 the
amplitude and in subsample 2 the phase is measured. Sequencer 2 supports only one
subsample which is called subsample 3 shown in Figure 39. This subsample can be used to
support AC lead off detection which would require a different sample rate than an ECG
measurement which can be assigned to Sequencer 1.
Figure 39: ECG/BioZ sample structure and configuration options
The sample frequency, which can be programmed, uses a 32 kHz clock as the base
frequency. An overview about the clock generation of the ECG/BioZ Sequencer is shown in
Figure 28. Typical ECG sampling frequencies and the necessary register configuration for the
clock dividers is shown in Table 10.
Sequenzer 1
Sequenzer 2
Subsample
1
Subsample
2
Subsample
3
ECG1 SINC Filter
Downsampler Setting
ECG2 SINC Filter
Downsampler Setting
Sub 1
Gain
Sub 2
Gain
Sub 3
Gain
Sub 1
Input MUX
Sub 2
Input MUX
Sub 3
Input MUX
ECG / BioZ
Sequencer
ECG/BioZ
Sample
SEQ2
SEQ1
SEQ1 Sample Period
ECG/BioZ
Sample
SEQ1
ECG/BioZ
Sample
SEQ2
SEQ1
ECG/BioZ
Sample
SEQ1
SEQ1 Sample Period
SEQ1 Sample Period
SEQ 2 Sample Period
t
Sample Structure and Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com