Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 48Page - ams-OSRAM AG AS7058 Datasheet HTML 49Page - ams-OSRAM AG AS7058 Datasheet HTML 50Page - ams-OSRAM AG AS7058 Datasheet HTML 51Page - ams-OSRAM AG AS7058 Datasheet HTML 52Page - ams-OSRAM AG AS7058 Datasheet HTML 53Page - ams-OSRAM AG AS7058 Datasheet HTML 54Page - ams-OSRAM AG AS7058 Datasheet HTML 55Page - ams-OSRAM AG AS7058 Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
52 / 199
/
The chosen mode influences which excitation waveform, sine wave for the BioZ, and square
wave for GSR, is used. Furthermore, the applied current range and excitation frequency are
different. The choice between the two modes can be done in BIOZ_CFG register (see chapter
8.1 Register overview). Important to mention is that BIOZ_EN and GSR_EN must not be set to
1 at the same time. When BioZ is activated, the excitation frequency can be chosen in steps
from 1 kHz to 1 MHz on a sine waveform, and the current can be controlled from 10 µA to
100 µA. These settings can be chosen in BIOZ_EXCIT register. The settings will only be
applied when BIOZ_EN bit is set to one. The operating gain of the BioZ/GSR preamplifier can
also be extended to gain 2 via register bit BIOZ_GAIN.
When GSR is activated, the excitation frequency is half of the ECG sample frequency chosen
in a square waveform, and the current can be controlled from 200 nA to 85 µA. These settings
can be chosen in BIOZ_EXCIT. The settings will only be applied when GSR_EN bit is set to
one. The dynamic range that can be achieved is between 300 nS to 100 µS with 1 nS step
size.
7.7.3
ECG/BioZ signal processing overview
Similar to the PPG signal processing the ECG and BioZ data acquisition path supports also
various signal processing options. An overview of all options and a device signal flow is shown
in Figure 45.
The output of ADC modulator 3 is connected to the SINC filter block which acts as down
sampling filter. It is possible to select between 4th and 5th filter order via register
ECG1_SEL_ORDER and ECG2_SEL_ORDER as well as decimation rates between 16, 32,
64, 128 and 256 via register ECG1_SINC_DEC and ECG2_SINC_DEC. In order to further
improve SNR of the system there is an oversampling filter function, which is part of the down
sampling filter that can be enabled via register ECG1_SINC_OVS and ECG2_SINC_OVS. The
three-bit register allows for 7 different oversampling filter ratios to be enabled from factor 2 up
to 128. The oversampling filter function is disabled in default configuration. Please mind that by
enabling the oversampling filter function the active ADC modulator time is increased
influencing power consumption with the benefit of better noise behavior. Once the signal
passed the SINC decimation and optional oversampling filter the ECG/BioZ signal is feed into
a scaling block which converts the signal into 20-bit unsigned signal. The on-chip IIR filter
block is the last processing block which can be enabled to implement post processing filter
characteristics before the data is written to the FIFO memory. Please refer to chapter 7.8 for
more detail information regarding the IIR filter block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com