Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 49Page - ams-OSRAM AG AS7058 Datasheet HTML 50Page - ams-OSRAM AG AS7058 Datasheet HTML 51Page - ams-OSRAM AG AS7058 Datasheet HTML 52Page - ams-OSRAM AG AS7058 Datasheet HTML 53Page - ams-OSRAM AG AS7058 Datasheet HTML 54Page - ams-OSRAM AG AS7058 Datasheet HTML 55Page - ams-OSRAM AG AS7058 Datasheet HTML 56Page - ams-OSRAM AG AS7058 Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
53 / 199
/
Figure 45: ECG/BioZ signal processing overview
7.8
IIR filter
An IIR filter with the parameters shown below in Table 11 is used to realize the notch filter
functionality. It is possible to implement other filters by reprogramming the filter coefficients
and using two’s complement for math operations. The clock frequency should be 10 MHz.
Table 11: IIR filter parameters
IIR filter parameter
Value
MAX_NUM_OF_SOS
12
SAMPLE_BIT_WIDTH
21
COEFF_BIT_WIDTH
16
SCALE_SHIFT
14
RAM_WIDTH
8
MOD 3
SINC Filter
4th/5th Order
Decimation Rates:
16; 32; 64; 128; 256
Oversampling
Filter
Scaling
21 bit signed -> 20 bit unsigned
21 bit
IIR Filters
12 Filter bocks
20 bit
FIFO
I2C
Data transfer
to host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com