Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 22Page - ams-OSRAM AG AS7058 Datasheet HTML 23Page - ams-OSRAM AG AS7058 Datasheet HTML 24Page - ams-OSRAM AG AS7058 Datasheet HTML 25Page - ams-OSRAM AG AS7058 Datasheet HTML 26Page - ams-OSRAM AG AS7058 Datasheet HTML 27Page - ams-OSRAM AG AS7058 Datasheet HTML 28Page - ams-OSRAM AG AS7058 Datasheet HTML 29Page - ams-OSRAM AG AS7058 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
26 / 199
/
7.2
Photodiode inputs
The AS7058 supports up to eight photodiode inputs which can be routed to both PPG
modulators for highest design flexibility. A simplified block diagram which shows the input
structures of the photodiode inputs is shown in Figure 23. Each photodiode input features a
dedicated multiplexer that allows each photodiode to be connected to PPG1 ADC, PPG2 ADC
or to PDREF pin which is the default connection to short circuit the photodiodes when not in
use. This is also the reset state after power-up and when no measurement is ongoing. The
input multiplexers are controlled automatically with the built in measurement sequencer and
get connected and disconnected while a measurement is ongoing, according to the device
configuration.
Figure 23: Photodiodes input selection
It is also possible to change the PDREF voltage level from typ. 0.8 V to 0 V via register
PDREF_SEL register.
PDREF
PD1
PD2
PD3
PD4
PD6
PD7
PD8
PD5
VSSA
VCM_PPG
Control
Logic
PD1_MUX
PD3_MUX
PD2_MUX
PD4_MUX
PD5_MUX
PD6_MUX
PD7_MUX
PD8_MUX
Connection to
PPG2 ADC
Connection to
PPG1 ADC
AS7058
PD REF_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com