Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 15Page - ams-OSRAM AG AS7058 Datasheet HTML 16Page - ams-OSRAM AG AS7058 Datasheet HTML 17Page - ams-OSRAM AG AS7058 Datasheet HTML 18Page - ams-OSRAM AG AS7058 Datasheet HTML 19Page - ams-OSRAM AG AS7058 Datasheet HTML 20Page - ams-OSRAM AG AS7058 Datasheet HTML 21Page - ams-OSRAM AG AS7058 Datasheet HTML 22Page - ams-OSRAM AG AS7058 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 199 page
background image
AS7058
Typical operating characteristics
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
19 / 199
/
Figure 8: SNR vs. PD current ADC range=64 µA,
tINT=129.1 µs
Figure 9: SNR vs. PD current ADC
range=32 µA, tINT=129.1 µs
Figure 10: ECG CMRR vs. frequency gain=32x,
sample rate = 2000sps RLD: low GM
Figure 11: ECG CMRR vs. frequency gain=32x,
sample rate = 2000sps RLD: high GM
65
70
75
80
85
90
95
100
1
10
100
Photodiode Input Current [µA]
Mulit Meas.
1x
Mulit Meas.
2x
65
70
75
80
85
90
95
100
1
10
100
Photodiode Input Current [µA]
Mulit Meas.
1x
Mulit Meas.
2x
100
105
110
115
120
125
130
25
75
125
175
225
Freqeuncy [Hz]
51KΩ||47nF: ECGN
51KΩ||47nF: ECGP and ECGN
100
105
110
115
120
125
130
25
75
125
175
225
Freqeuncy [Hz]
51KΩ||47nF: ECGN
51KΩ||47nF: ECGP and ECGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com