Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 59 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 59 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 55Page - ams-OSRAM AG AS7058 Datasheet HTML 56Page - ams-OSRAM AG AS7058 Datasheet HTML 57Page - ams-OSRAM AG AS7058 Datasheet HTML 58Page - ams-OSRAM AG AS7058 Datasheet HTML 59Page - ams-OSRAM AG AS7058 Datasheet HTML 60Page - ams-OSRAM AG AS7058 Datasheet HTML 61Page - ams-OSRAM AG AS7058 Datasheet HTML 62Page - ams-OSRAM AG AS7058 Datasheet HTML 63Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
59 / 199
/
7.10
Communication interfaces
7.10.1
Interrupt
The interrupt manager processes the interrupt events. These interrupt events must be
released for processing via an interrupt enable register IRQ_ENABLE. The dedicated interrupt
status bit is automatically reset when the corresponding sub-status register is read (auto-zero
register). For the FIFO threshold reset, the FIFO must be read or cleared. In this way, no
interrupt events may be lost.
7.10.2
GPIO
The GPIO pin can be used as an input or output. In default configuration the GPIO pin is
configured as an input. Since the internal pull up/down resistors are disabled it is
recommended to connect an external pull up or pull down resistor to define the logic input level
of the pin. Alternatively, it is also possible to enable the internal pull up or pull down resistors
via register GPIO_PU or GPIO_PD to avoid an external resistor as part of the initialization
routine of AS7058. The logic input level can be read back via register GPIO_IN register. Once
the GPIO pin is configured as an output via GPIO_OEN register there are various internal
status signals which can be routed to the GPIO pin. The register GPIO_PINMAP_SEL in its
default configuration configures the pin as normal output pin whose output signal level can be
controlled via GPIO_OUT register. However, if the register is reconfigured it is also possible to
indicate if the LEDs are enabled or if standby mode is active. Please mind that when the GPIO
pin is configured as an output the GPIO_IN register is always set to one independent of the
actual output signal level.
7.10.3
I²C/SPI interface
The AS7058 supports I²C and SPI as host communication and control interfaces. In both
operation modes (I²C or SPI), AS7058 works as a slave device. The interface selection is
handled via the CSXN pin during startup of the device. In case AS7058 is supposed to work in
I²C operation mode it is mandatory to pull the CSXN pin high with an external pull up resistor.
In case SPI operation mode should be used the CSXN pin has to be connected to the chip
select pin of the SPI master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com