Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 91 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 91 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 87Page - ams-OSRAM AG AS7058 Datasheet HTML 88Page - ams-OSRAM AG AS7058 Datasheet HTML 89Page - ams-OSRAM AG AS7058 Datasheet HTML 90Page - ams-OSRAM AG AS7058 Datasheet HTML 91Page - ams-OSRAM AG AS7058 Datasheet HTML 92Page - ams-OSRAM AG AS7058 Datasheet HTML 93Page - ams-OSRAM AG AS7058 Datasheet HTML 94Page - ams-OSRAM AG AS7058 Datasheet HTML 95Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
91 / 199
/
8.4
Control
8.4.1
I2C_MODE register (Address 0x31)
Table 46: I2C_MODE register
Addr: 0x31
I2C_MODE
Bit
Bit name
Default
Access
Bit description
0
i2c_fm_plus
0
RW
This register bit enables I²C fast mode plus with 1 MHz I²C
clock speed. This register must not be written during burst
mode. Only single write is possible.
0: I²C Fast Mode Plus Disabled
1: I²C Fast Mode Plus Enabled
8.4.2
INT_CFG register (Address 0x32)
Table 47: INT_CFG register
Addr: 0x32
INT_CFG
Bit
Bit name
Default
Access
Bit description
5
int_inv
0
RW
Inverting interrupt.
4
int_e2
0
RW
Set the output driver strength high with 1.
3
int_e4
0
RW
Set the output driver strength high again with 1.
2
reserved
0
RW
Reserved system register. Do not change default register
value.
1
int_pu
0
RW
PU = 1 -> pull-up at INT pin
0
int_pd
0
RW
PD = 1 -> pull-down at INT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com