Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS7058 Datasheet HTML 1Page - ams-OSRAM AG AS7058 Datasheet HTML 2Page - ams-OSRAM AG AS7058 Datasheet HTML 3Page - ams-OSRAM AG AS7058 Datasheet HTML 4Page - ams-OSRAM AG AS7058 Datasheet HTML 5Page - ams-OSRAM AG AS7058 Datasheet HTML 6Page - ams-OSRAM AG AS7058 Datasheet HTML 7Page - ams-OSRAM AG AS7058 Datasheet HTML 8Page - ams-OSRAM AG AS7058 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 199 page
background image
AS7058
General description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
5 / 199
/
1.1
Key benefits & features
The benefits and features of AS7058 are listed below:
Table 1: Added value of using AS7058
Benefits
Features
Highly flexible LED/photodiode configuration.
Up to 8 LED output pins and 8 photodiode input pins.
Allows the smallest application size e.g. narrow HRM
measurement band.
Small Wafer-Level-Chip-Scale-Package (WLCSP).
Electrocardiogram (ECG) with dry electrodes.
Embedded low-noise analog front-end for ECG signal
acquisition.
Enables blood pressure measurements.
Synchronized PPG and ECG acquisition.
Outstanding HRM measurement quality.
Low noise analog front end for PPG acquisition.
Measuring the body composition and the skin’s water
content.
An independent body impedance and an electrodermal
activity system are included.
Long operating time.
A hardware sequencer to offload the processor with an
adjustable LED driver with current control.
Low power operating mode.
Two PPG channels usable in parallel mode are
available.
Acquiring several bio signals in parallel.
Either ECG, BIOZ or EDA (GSR) and two PPG
channels, separated and usable simultaneously.
Improvement in ambient light suppression.
Includes a new type of offset cancelation for the PPG
signal: Advanced Automatic Offset Control.
1.2
Applications
•
Wearable vital sign monitors
•
Fitness band
•
Smart watch
•
Heart rate monitor
•
Hearables
•
ECG monitoring
•
Medical patches
•
Pulse-oximetry devices
•
Single- and multi-frequency body impedance devices
•
Pulse Arrival Time (PAT), Pulse Transit Time (PTT), Pulse Wave Velocity (PWV)
Assessments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com