Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 56 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 56 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 52Page - ams-OSRAM AG AS7058 Datasheet HTML 53Page - ams-OSRAM AG AS7058 Datasheet HTML 54Page - ams-OSRAM AG AS7058 Datasheet HTML 55Page - ams-OSRAM AG AS7058 Datasheet HTML 56Page - ams-OSRAM AG AS7058 Datasheet HTML 57Page - ams-OSRAM AG AS7058 Datasheet HTML 58Page - ams-OSRAM AG AS7058 Datasheet HTML 59Page - ams-OSRAM AG AS7058 Datasheet HTML 60Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
56 / 199
/
7.9
FIFO description
The AS7058 contains a 1.5 kB FIFO register for buffering the measurement data output to an
external microcontroller via the I²C or SPI interface. The FIFO buffering allows the external
MCU to stay in idle mode during energy-saving measurements.
The measurement data of the three channels and possible status information from the AAOC
will be collected in a common data stream and written to the FIFO. The coding of the data
stream is described below in Figure 49.
Figure 49: FIFO data format
Table 12: FIFO data marker bit description
Data marker bits <2:0>
Description
‘b’000
First ADC value of modulator 1 (PPG1)
‘b’001
Other ADC value of modulator 1 (PPG1)
‘b’010
First ADC value of modulator 2 (PPG2)
‘b’011
Other ADC value of modulator 2 (PPG2)
‘b’100
ADC data sequence 1/Sub 1 MOD3 (ECG)
‘b’101
ADC data sequence 1/Sub 2 MOD3 (ECG)
‘b’110
ADC data sequence 2 ECG channel
‘b’111
Status information
Block frame
1 Bit
Data marker
3 Bit
ADC data
20 Bit
ADC data / Status information
M
FIFO Data Format
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com