Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 28 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 28 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 24Page - ams-OSRAM AG AS7058 Datasheet HTML 25Page - ams-OSRAM AG AS7058 Datasheet HTML 26Page - ams-OSRAM AG AS7058 Datasheet HTML 27Page - ams-OSRAM AG AS7058 Datasheet HTML 28Page - ams-OSRAM AG AS7058 Datasheet HTML 29Page - ams-OSRAM AG AS7058 Datasheet HTML 30Page - ams-OSRAM AG AS7058 Datasheet HTML 31Page - ams-OSRAM AG AS7058 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
28 / 199
/
For applications requiring only one signal path to be active, one of the two channels can
certainly be powered down via simple register control to reduce overall system power
consumption. Each PPG Modulator signal path supports seven full-scale range settings of
1 µA, 2 µA, 4 µA, 8 µA, 16 µA, 32 µA, and 64 µA which can be configured in register
PPGMOD1_IOS_FS and PPGMOD2_IOS_FS for each ADC independently. In addition to the
full-scale settings both modulators have additional configuration registers PPG_SINC_CFGA,
PPG_SINC_CFGB and PPG_SINC_CFGC which allow the configuration of the decimation
filters and filter order to control the desired integrations times which are the determining factor
for signal integrity as well as noise behavior for the target application.
Each PPG signal path also includes an 8-bit offset current DAC for extending the optical
dynamic range by sourcing some of the exposure current to the offset DAC. This feature helps
to avoid the saturation of the ADC under high ambient light exposure. The current of the offset
DAC can be directly controlled via a dedicated registers IOS_PPG1_SUBx and
IOS_PPG2_SUBx for each subsample and each modulator separately. This allows engineers
to utilize their own offset compensations algorithms running on the host signal-processing unit.
However, in case customers do not have an algorithm in place, AS7058 features also an
Advanced Automatic Offset Cancellation (AAOC) function which is also shown in Figure 24
and Figure 25 which automatically controls the DC offset compensation DAC eliminating the
latency effect caused by I²C configuration of an external host MCU.
7.3.1
PPG signal processing overview
As indicated in the previous chapters and drawings, AS7058 supports various different post-
processing options. An overview of all options and device signal flow is shown in Figure 26.
Please note that the processing options shown in Figure 26 are for ADC Modulator 1 and ADC
Modulator 2 the same.
The output of each modulator is connected to the SINC filter block, which acts as down
sampling filter. It is possible to select between 4th and 5th filter order via register
PPG_SEL_ORDER as well as decimation rates between 16, 32, 64, 128 and 256 via register
PPG_SINC_DEC. In order to further improve SNR of the system there is an oversampling filter
function, which is part of the down sampling filter, that can be enabled via register
PPG_SINC_OVS. The three-bit register allows to enable 7 different oversampling filter ratios
from factor 2 up to 128. The oversampling filter function is disabled in default configuration.
Please mind that enabling the oversampling filter function the active ADC modulator time is
increased influencing power consumption with the benefit of better noise behavior. Once the
signal passed the SINC decimation and optional oversampling filter the PPG signal is feed into
a scaling block which converts the signal in to 20-bit unsigned signal. The next post-processing
block, which can be enabled via register MOVING_AVERAGE_ON is an on-chip moving
average filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com