Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 98 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 98 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 94Page - ams-OSRAM AG AS7058 Datasheet HTML 95Page - ams-OSRAM AG AS7058 Datasheet HTML 96Page - ams-OSRAM AG AS7058 Datasheet HTML 97Page - ams-OSRAM AG AS7058 Datasheet HTML 98Page - ams-OSRAM AG AS7058 Datasheet HTML 99Page - ams-OSRAM AG AS7058 Datasheet HTML 100Page - ams-OSRAM AG AS7058 Datasheet HTML 101Page - ams-OSRAM AG AS7058 Datasheet HTML 102Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
98 / 199
/
8.5.6
PPGMOD2_CFG1 (Address 0x3d)
Table 57: PPGMOD2_CFG1 register
Addr: 0x3d
PPGMOD2_CFG1
Bit
Bit name
Default
Access
Bit description
7
ppgmod2_en
0
RW
Enable Modulator1
0: Off
1: On
6
ppgmod2_ios_mux
0
RW
Multiplex IOS DAC2 to modulator 1 for calibration.
0: IOS DAC to MOD1
1: IOS DAC to PPGMOD2 if mod1_ios_dir = 1
5
ppgmod2_dsm_ampl
0
RW
This bit enables the DSM integrator scaling function.
Please do not write this register and keep it at its default
value.
4:0
ppgmod2_cint
0
RW
This register controls the integrator capacitor value.
Please do not change register unless instructed by
ams OSRAM support team. The ams OSRAM support
team provides different configuration values depending
on the selected full scale range of PPG modulator.
0: 1 pF
1: 2 pF
… …
30: 31 pF
31: 32 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com