Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 47Page - ams-OSRAM AG AS7058 Datasheet HTML 48Page - ams-OSRAM AG AS7058 Datasheet HTML 49Page - ams-OSRAM AG AS7058 Datasheet HTML 50Page - ams-OSRAM AG AS7058 Datasheet HTML 51Page - ams-OSRAM AG AS7058 Datasheet HTML 52Page - ams-OSRAM AG AS7058 Datasheet HTML 53Page - ams-OSRAM AG AS7058 Datasheet HTML 54Page - ams-OSRAM AG AS7058 Datasheet HTML 55Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
51 / 199
/
7.7.2
BioZ/GSR measurement system
Bioelectrical impedance analysis is a method of assessing body composition, such as body fat,
fluid levels, and tissue mass. A small AC current is applied, which flows through the body, and
the voltage is measured so the bioimpedance can be calculated. The bioimpedance channel
consists of an input MUX, a capacitive-coupled amplifier, I/Q demodulation mixers, two anti-
aliasing filters, a pseudo-sine current DAC, and an internal reference resistor that is used to
calibrate the errors in the signal path and used as a measuring scale. A simplified system
block diagram of the BioZ/GSR measurement system is shown in Figure 44.
Figure 44: BioZ/GSR block diagram
The included MUX can freely combine the BIOZ1 pin to BIOZ4, as well as the input and output
of the current DAC and the BioZ amplifier. The selection can be set with BIOZ_SELECT (see
chapter 8.1 Register overview).
Two different modes can be chosen:
•
Body impedance measurement (BioZ)
•
Galvanic skin response (GSR)/Electro Dermal Activity (EDA)
AS7058
short
2 k
1 k
0.5 k
1 M
I
Q
0° /90°
clk
BIOZ4
BIOZ2
BIOZ1
BIOZ3
ECG_LPF
ECG
GSR
BIOZ_I
BIOZ_Q
ECG_IMUX_GAIN
Buffer
TEMP
ECG_LEAD
MOD 3
Current input
delta-sigma
ECGMOD_IMUX_SEL2<2:0>
BIOZ_SELECT<6:0>
IDAC
Current DAC
10 µA - 100 µA
1 kHz – MHz
BIOZ_EXCIT_CURR<2:0>
BIOZ_EXCIT_FREQ_SEL<3:0>
BIOZ_GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com