Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 90 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 90 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 86Page - ams-OSRAM AG AS7058 Datasheet HTML 87Page - ams-OSRAM AG AS7058 Datasheet HTML 88Page - ams-OSRAM AG AS7058 Datasheet HTML 89Page - ams-OSRAM AG AS7058 Datasheet HTML 90Page - ams-OSRAM AG AS7058 Datasheet HTML 91Page - ams-OSRAM AG AS7058 Datasheet HTML 92Page - ams-OSRAM AG AS7058 Datasheet HTML 93Page - ams-OSRAM AG AS7058 Datasheet HTML 94Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
90 / 199
/
8.3.22
PWR_ISO register (Address 0x2e)
Table 44: PWR_ISO register
Addr: 0x2e
PWR_ISO
Bit
Bit name
Default
Access
Bit description
4
pwr_iso
0
RW
ECG/BIOZ power isolation register bit. It is important that
this bit is inverted to the pwr_on register.
0: Disable
1: Enable
3
0
RW
PPG2 power isolation register bit. It is important that this bit
is inverted to the pwr_on register.
0: Disable
1: Enable
2
0
RW
PPG1 power isolation register bit. It is important that this bit
is inverted to the pwr_on register.
0: Disable
1: Enable
1
0
RW
CTRL power isolation register bit. It is important that this bit
is inverted to the pwr_on register.
0: Disable
1: Enable
0
1
RW
CONF power isolation register bit. It is important that this
bit is inverted to the pwr_on register.
0: Disable
1: Enable
8.3.23
PWR_STAT register (Address 0x2f)
Table 45: PWR_STAT register
Addr: 0x2f
PWR_STAT
Bit
Bit name
Default
Access
Bit description
4
pwr_stat
0
RW
ECG/BIOZ
3
0
RW
PPG2
2
0
RW
PPG1
1
0
RW
CTRL
0
1
RW
CONF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com