Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 11Page - ams-OSRAM AG AS7058 Datasheet HTML 12Page - ams-OSRAM AG AS7058 Datasheet HTML 13Page - ams-OSRAM AG AS7058 Datasheet HTML 14Page - ams-OSRAM AG AS7058 Datasheet HTML 15Page - ams-OSRAM AG AS7058 Datasheet HTML 16Page - ams-OSRAM AG AS7058 Datasheet HTML 17Page - ams-OSRAM AG AS7058 Datasheet HTML 18Page - ams-OSRAM AG AS7058 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 199 page
background image
AS7058
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
15 / 199
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ECGGAIN
Amplifier gain
range
1
1024
BioZ(1)
BIOZP_ERR
Phase-
measurement
error, at 50 kHz
Body impedance = 510 Ω
0.45
deg
Body impedance = 1000 Ω
0.85
deg
BIOZM_ERR
Magnitude-
measurement
error, at 50 kHz
Body impedance = 510 Ω
1.23
%
Body impedance = 1000 Ω
0.96
%
BIOZEXC_ERR
Excitation
frequency error
Internal clock at 50 kHz
1
%
BIOZEXC_FREQ
Excitation
frequency
1
1000
kHz
BIOZEXC_CURR
Excitation current
10
100
µA
GSR/EDA
GSREXC_CURR
Excitation current
0.2
85
µA
GSRDR
Dynamic range
0.1
3.3
MΩ
0.3
100
µS
Lead-off detection (ECG)
ECGLO_CURR
Lead-off current
Set by
ECGAMP_LEADOFF_CURR
1.5
400
nA
ECGLO_ACC
Lead-off current
accuracy
ECGAMP_LEADOFF_CURR
= 400 nA
-5
5
%
ECGLO_FREQ
Lead-off toggle
frequency
0.25
2
kHz
Digital inputs (SDA_MOSI, SCL, EXTCLK_SYNC, CSXN, GPIO)
VIH
Input high
VIOVDD
× 0.7
V
VIL
Input low
VIOVDD ×
0.3
V
fEXTCLK_SYNC
External clock
frequency
Input frequency at pin
EXTCLK_SYNC; Only 2 MHz
or 4 MHz is supported
2
4
MHz
Digital outputs (SDA_MOSI, MISO, INT, GPIO)
VOH
Output high
towards GND
Current load ≤ 6 mA
VIOVDD -
0.4
V
VOL
Output low
towards IOVDD
Current load ≤ 6 mA
0.4
V
(1) BioZ measurements are done with the ams OSRAM in-house calibration and measurement flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com