Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 60 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 60 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 56Page - ams-OSRAM AG AS7058 Datasheet HTML 57Page - ams-OSRAM AG AS7058 Datasheet HTML 58Page - ams-OSRAM AG AS7058 Datasheet HTML 59Page - ams-OSRAM AG AS7058 Datasheet HTML 60Page - ams-OSRAM AG AS7058 Datasheet HTML 61Page - ams-OSRAM AG AS7058 Datasheet HTML 62Page - ams-OSRAM AG AS7058 Datasheet HTML 63Page - ams-OSRAM AG AS7058 Datasheet HTML 64Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
60 / 199
/
7.10.3.1 I²C interface
The AS7058 I²C slave uses an I²C address of 0x55 (7-bit format; R/W bit has to be added) -
AAh (8-bit format for writing) and ABh (8-bit format for reading) respectively. It expects external
pull-up resistors on the SDA_MOSI and SCL pins. Furthermore, it is mandatory to connect and
external pull up resistors to CSXN pin for I²C interface selection. The interface supports the
following features:
•
Fast mode plus (1 MHz)
•
Fast Mode (400 kHz)
•
Standard Mode (100 kHz)
•
7+1-bit addressing mode
•
Write formats
– Single-Byte-Write
– Burst-Write
•
Read formats
– Current-Address-Read
– Random-Read
– Sequential-Read.
•
IEEE standard requirements regarding filtering and timing are implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com