Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 21Page - ams-OSRAM AG AS7058 Datasheet HTML 22Page - ams-OSRAM AG AS7058 Datasheet HTML 23Page - ams-OSRAM AG AS7058 Datasheet HTML 24Page - ams-OSRAM AG AS7058 Datasheet HTML 25Page - ams-OSRAM AG AS7058 Datasheet HTML 26Page - ams-OSRAM AG AS7058 Datasheet HTML 27Page - ams-OSRAM AG AS7058 Datasheet HTML 28Page - ams-OSRAM AG AS7058 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
25 / 199
/
Figure 22: LED driver block diagram
The LED driver includes a VCSEL safety protection. This block consists of a PMOS VCSEL
supply switch, a watchdog, and two comparators for short circuit detection. The block is
activated if the current range for the LED driver is set to 25 mA (LED_IRNGX = 0). The
VCSEL_MODE register provides the selection of the monitored LED pad.
The major events monitored by the protection block are short circuits to VSS and VCSELS
pins as well as monitoring the on-time. If the LED on-time is larger than the watchdog time, an
interrupt is generated, and the VCSEL power switch is switched off automatically.
In case the block detects any error, the measurement is immediately stopped (e.g. watchdog
event) and an interrupt is released. The STATUS_VCSEL status register shows the source of
the error (a short to VSS, a short to VCSELS, or a watchdog event). If no VCSEL is used, the
protection feature can be switched off with the VCSEL_CFG register.
VLED
(2.7V – 5.5V)
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
VCSELA
VCSELS
VCSEL
Power
Switch
LED Driver 2
8 bit; 4 current ranges
25 mA; 150 mA;
225 mA; 300 mA
VSCEL Safety
Protection
LED Driver 1
8 bit; 4 current ranges
25 mA; 150 mA;
225 mA; 300 mA
VSCEL Safety
Protection
AS7058
PGND2
PGND1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com