Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 69 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 69 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 65Page - ams-OSRAM AG AS7058 Datasheet HTML 66Page - ams-OSRAM AG AS7058 Datasheet HTML 67Page - ams-OSRAM AG AS7058 Datasheet HTML 68Page - ams-OSRAM AG AS7058 Datasheet HTML 69Page - ams-OSRAM AG AS7058 Datasheet HTML 70Page - ams-OSRAM AG AS7058 Datasheet HTML 71Page - ams-OSRAM AG AS7058 Datasheet HTML 72Page - ams-OSRAM AG AS7058 Datasheet HTML 73Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
69 / 199
/
Standby control
signal
Function
Timing control
registers
Functionality
Standby Enable 13
Controls and enables common mode
voltage of ECG amplifier
time1_en13
time2_en13
Required for ECG operation only
Standby Enable 14
Controls and enables ECG amplifiers
time1_en14
time2_en14
Required for ECG operation only
The timings which are defined in the timing registers for each control signal define the start of a
block prior to the actual measurement start. The timing registers allow for exact control of the
startup timing behavior of all relevant blocks and it makes sure that all system blocks are
active and properly settled when a measurement is started. Right after the measurement is
finished and the measurement data is written to the FIFO memory of AS7058 all Standby
Enable signals are disabled again and the connected blocks are powered down. Important to
mention is that Standby Enable 1 – Standby Enable 5 signals do have only one timing control
register (time_enX). Each register is linked to the 32 kHz clock domain of the device which
results into a 31.25 µs multiplication factor for these registers like it is also indicated in
Figure 62. The Standby Enable 6 – Standby Enable 14 control signals have two timing control
registers. The time1_enX timing registers are also linked to the 32 kHz clock domain of the
device which results into a 31.25 µs multiplication factor for these registers. The second timing
control register time2_enX which is also linked to each of the Standby Enable 6 – Standby
Enable 14 registers is connected to the 2 MHz clock domain of AS7058 which results in a 1 µs
multiplication factor for these registers. Only one of the two-timing registers for a Standby
Enable signal can be active at a time and the priority is controlled with the register content. In
case a value greater than zero is written to time1_enX register the register content of
time2_enX register is ignored and the timing is calculated and executed based on the register
content of time1_enX register. In case the time1_enX register is set to zero, the content of
register time2_enX is used for the Standby Enable signal timing based on the 1 µs clock
domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com