Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 7Page - ams-OSRAM AG AS7058 Datasheet HTML 8Page - ams-OSRAM AG AS7058 Datasheet HTML 9Page - ams-OSRAM AG AS7058 Datasheet HTML 10Page - ams-OSRAM AG AS7058 Datasheet HTML 11Page - ams-OSRAM AG AS7058 Datasheet HTML 12Page - ams-OSRAM AG AS7058 Datasheet HTML 13Page - ams-OSRAM AG AS7058 Datasheet HTML 14Page - ams-OSRAM AG AS7058 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 199 page
background image
AS7058
Absolute maximum ratings
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
11 / 199
/
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3: Absolute maximum ratings of AS7058
Symbol
Parameter
Min
Max
Unit
Comments
Electrical parameters
VDVDD
Digital supply voltage
-0.3
1.98
V
DVDD to DGND
VAVDD
Analog supply voltage
-0.3
1.98
V
AVDD to AGND
VIOVDD
IO supply voltage
-0.3
1.98
V
IOVDD to AGND
VVCSELS
VCSELS supply voltage
-0.3
5.5
V
VCSELS to AGND
VVCSELA
VCSELA pin voltage
-0.3
5.5
V
VCSELA to AGND
VVCSELA-VCSELS
Voltage difference between pins
VCSELA and VCSELS
-0.3
0.3
V
VLED
LED pin voltage
-0.3
5.5
V
LED1-LED8 to PGND1 or
PGND2
VIN-DIGITAL
Digital input pin voltage to
ground
-0.3
VIOVDD+0.3 V
max. 1.98 V
V
Applicable to pins SCL,
SDA_MOSI, CSXN, GPIO and
EXTCLK_SYNC
VIN-ANALOG
Analog input pin voltage to
ground
-0.3
VAVDD+0.3 V
max. 1.98 V
V
Applicable to pins ECG_INP,
ECG_INN, PD1/PD2, PD3,
PD4, PD5, PD6, PD7, PD8,
BIOZ1, BIOZ2, BIOZ3 and
BIOZ4
VPGND-AGND
Power to analog ground voltage
difference
-0.3
0.3
V
VDGND-AGND
Digital to analog ground voltage
difference
-0.3
0.3
V
ILEDON
Average LED ON Current
35
mA
ISCR
Input current (latch-up
immunity)
± 100
mA
JEDEC JESD78E
Electrostatic discharge
ESDHBM
Electrostatic discharge HBM
± 2
kV
JS-001-2017
ESDCDM
Electrostatic discharge CDM
± 500
V
JS-002-2018
Temperature ranges and storage conditions
TA
Operating ambient temperature
-40
85
°C
TSTRG
Storage temperature range
-40
125
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative humidity (non-
condensing)
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com