Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 44Page - ams-OSRAM AG AS7058 Datasheet HTML 45Page - ams-OSRAM AG AS7058 Datasheet HTML 46Page - ams-OSRAM AG AS7058 Datasheet HTML 47Page - ams-OSRAM AG AS7058 Datasheet HTML 48Page - ams-OSRAM AG AS7058 Datasheet HTML 49Page - ams-OSRAM AG AS7058 Datasheet HTML 50Page - ams-OSRAM AG AS7058 Datasheet HTML 51Page - ams-OSRAM AG AS7058 Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
48 / 199
/
7.7.1
ECG measurement system
The ECG (electrocardiogram) amplifier is a high impedance, low noise instrumentation
amplifier with a configurable integrated high-pass filter. It also includes circuitry to apply a
stimulus to the inputs to detect lead-off conditions by post-processing the input signals in the
digital domain. In order to further improve noise performance, it is recommended to enable
digital post processing filters to attenuate 50 Hz and 60 Hz noise signals. Please refer to
chapter 7.7.2 for on-chip signal processing options.
Figure 41: ECG amplifier block diagram
The ECG signal amplification is obtained from two stages of amplification which are INA1 and
INA2 like it is shown in Figure 41. The first amplifier stage INA1 does support 4 different gain
settings which can be configured via register ECGAMP_INA1_GAIN. The second preamplifier
INA2 features a gain range from 1 to 128 which can be configured via ECGAMP_INA2_GAIN
register. Both amplifiers can enable the chopper operation mode via registers
ECGAMP_CHOP1_EN and ECGAMP_CHOP2_EN. They also have separate chopper clock
signals whose chopper frequency can be controlled via ECGAMP_CHOP1_CLK and
ECGAMP_CHOP2_CLK register.
The integrated high pass filter does support four different cutoff frequencies with 0.22 Hz,
0.33 Hz, 5 Hz and 10 Hz which can be enabled with register ECGAMP_HP_EN. The cut of
frequency is a function of the filter clock and internal filter capacity and can be configured via
registers ECGAMP_HP_CSEL and ECGAMP_HP_CLK_FREQ. In case a high pass filter
function is not desired in the target application the filter can also be bypassed by enabling
register ECGAMP_HP_BYP. In order to avoid aliasing effect, when sampling the ECG input
signal, the ECG block incorporates also an anti-aliasing filter block. The cut off frequency can
be configured to 200 Hz, 270 Hz, 400 Hz and 800 Hz via register ECGMOD_IMUX_LPF_FC
register. In case the anti-aliasing filter is not needed in the ECG signal chain, it is also possible
to bypass the anti-aliasing filter via the ADC input multiplexer.
ECG_INP
ECG_INN
ECG_REF
RLD
High Pass Filter
0.22Hz; 0.33Hz;
5Hz; 10Hz
0.8V
Preamplifier
INA1
Anti-Aliasing
Filter
200Hz; 270Hz;
400Hz; 800Hz
ECG_LPF
ECG
GSR
BIOZ_I
BIOZ_Q
ECG_IMUX_GAIN
Buffer
TEMP
ECG_LEAD
MOD 3
Current input
delta-sigma
ECGMOD_IMUX_SEL2<2:0>
ECGMOD_IMUX_LPF_FC<1:0>
Preamplifier
INA2
ECGAMP_INA1_GAIN
ECGAMP_INA2_GAIN
ECGAMP_HP_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com