Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 9Page - ams-OSRAM AG AS7058 Datasheet HTML 10Page - ams-OSRAM AG AS7058 Datasheet HTML 11Page - ams-OSRAM AG AS7058 Datasheet HTML 12Page - ams-OSRAM AG AS7058 Datasheet HTML 13Page - ams-OSRAM AG AS7058 Datasheet HTML 14Page - ams-OSRAM AG AS7058 Datasheet HTML 15Page - ams-OSRAM AG AS7058 Datasheet HTML 16Page - ams-OSRAM AG AS7058 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 199 page
background image
AS7058
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
13 / 199
/
5
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Conditions: TA = 25 °C, VDVDD = 1.8 V, VAVDD = 1.8 V, VIOVDD = 1.8 V
Table 4: Electrical characteristics of AS7058
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDVDD
Digital supply
voltage
1.70
1.80
1.98
V
VAVDD
Analog supply
voltage
1.70
1.80
1.98
V
VIOVDD
IO supply voltage
1.08
1.80
1.98
V
VVCSELS
VCSELS supply
voltage
Voltage must not be below
VAVDD
1.75
5.50
V
Photodiode inputs
CPD
Total photodiode
capacitance
connected to
MOD1 or MOD2
0 V reverse voltage
300
pF
IPD
Photocurrent input
64
µA
MOD1 & MOD2 (PPG channels)
MODDAC_OFF
DAC offset current
full-scale range for
MOD1 or MOD2
(X = 1 or 2)
PPGMODX_IOS_FS = 0
1
µA
PPGMODX_IOS_FS = 1
2
PPGMODX_IOS_FS = 2
4
PPGMODX_IOS_FS = 3
8
PPGMODX_IOS_FS = 4
16
PPGMODX_IOS_FS = 5
32
PPGMODX_IOS_FS = 6
64
PPGMODX_IOS_FS = 7
128
MODRES
ADC resolutions
of MOD1 and
MOD2
20
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com