Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 100 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 100 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 96Page - ams-OSRAM AG AS7058 Datasheet HTML 97Page - ams-OSRAM AG AS7058 Datasheet HTML 98Page - ams-OSRAM AG AS7058 Datasheet HTML 99Page - ams-OSRAM AG AS7058 Datasheet HTML 100Page - ams-OSRAM AG AS7058 Datasheet HTML 101Page - ams-OSRAM AG AS7058 Datasheet HTML 102Page - ams-OSRAM AG AS7058 Datasheet HTML 103Page - ams-OSRAM AG AS7058 Datasheet HTML 104Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
100 / 199
/
8.5.8
PPGMOD2_CFG3 (Address 0x3f)
Table 59: PPGMOD2_CFG3 register
Addr: 0x3f
PPGMOD2_CFG3
Bit
Bit name
Default
Access
Bit description
7:0
ppgmod2_iref
0
RW
This register defines an internal current reference value.
Please do not change register unless instructed by
ams OSRAM support team. The ams OSRAM support
team provides different configuration values depending
on the selected full scale range of PPG modulator.
0: 1 µA
1: 2 µA
... ...
63: 64 µA
64-255: Do not use
8.6
LED driver
8.6.1
VCSEL_PASSWORD (Address 0x40)
Table 60: VCSEL_PASSWORD register
Addr: 0x40
VCSEL_PASSWORD
Bit
Bit name
Default
Access
Bit description
0
vcsel_password
0
RO
Writing Value = 0x57 to this Register address sets the
vcsel_password = 1'b1.
Writing other Values to this Register address sets the
vcsel_password = 1'b0.
Only vcsel_password can be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com