Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 6Page - ams-OSRAM AG AS7058 Datasheet HTML 7Page - ams-OSRAM AG AS7058 Datasheet HTML 8Page - ams-OSRAM AG AS7058 Datasheet HTML 9Page - ams-OSRAM AG AS7058 Datasheet HTML 10Page - ams-OSRAM AG AS7058 Datasheet HTML 11Page - ams-OSRAM AG AS7058 Datasheet HTML 12Page - ams-OSRAM AG AS7058 Datasheet HTML 13Page - ams-OSRAM AG AS7058 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 199 page
background image
AS7058
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
10 / 199
/
Pin
number
Pin name
Pin
type(1)
Description
D3
PD6
AI
Photodiode input number 6
D4
PD4
AI
Photodiode input number 4
D5
INT
DO
Digital interrupt push/pull output pin. The polarity of the interrupt pin
acting as active high or active low can be programmed via control
register.
D6
DGND
G
Digital Ground
E1
BIOZ4
AI/AO
Input/Output 4 for BIOZ
E2
BIOZ2
AI/AO
Input/Output 2 for BIOZ
E3
PD8
AI
Photodiode input number 8
E4
PD1
AI
Photodiode input number 1
E5
IOVDD
P
This is the digital I/O supply pin. This supply is separated from the
digital core supply of AS7058 and can for example be connected to
a 1.2 V supply voltage to enable lower I²C or SPI interface voltages
to eliminate the need of external level shifters.
E6
DVDD
P
Positive digital supply terminal of AS7058 which needs to be
connected to a 1.8 V power supply.
F1
AVDD2
P
Positive analog supply terminal 2 which supplies all analog blocks of
the device. Needs to be connected to a low noise 1.8V power
supply.
F2
AGND2
G
Analog Ground
F3
PD7
AI
Photodiode input number 7
F4
PD3
AI
Photodiode input number 3
F5
ECG_REF
AO
ECG amplifier reference electrode terminal
F6
ECG_INP
AI
ECG amplifier positive input terminal
G1
PDREF
AO
Reference Potential for Photodiodes
G2
PD5
AI
Photodiode input number 5
G3
PD2
AI
Photodiode input number 2
G4
AVDD1
P
Positive analog supply terminal 1 which supplies all analog blocks of
the device. Needs to be connected to a low noise 1.8V power
supply.
G5
AGND1
P
Analog ground
G6
ECG_INN
AI
ECG amplifier negative input terminal
(1) Explanation of abbreviations:
DI
Digital Input
DO Digital Output
AI
Analog Input
AO Analog Output
P
Power Supply
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com