Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 10Page - ams-OSRAM AG AS7058 Datasheet HTML 11Page - ams-OSRAM AG AS7058 Datasheet HTML 12Page - ams-OSRAM AG AS7058 Datasheet HTML 13Page - ams-OSRAM AG AS7058 Datasheet HTML 14Page - ams-OSRAM AG AS7058 Datasheet HTML 15Page - ams-OSRAM AG AS7058 Datasheet HTML 16Page - ams-OSRAM AG AS7058 Datasheet HTML 17Page - ams-OSRAM AG AS7058 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 199 page
background image
AS7058
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
14 / 199
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
LED driver
LEDRES
LED driver
resolution
8
bit
IRANGE1
Allowed operating
input current for
LED pin 1 to 4
(X = 1 to 4)
LEDX_IRNG = 0
25
mA
LEDX_IRNG = 1
150
LEDX_IRNG = 2
225
LEDX_IRNG = 3
300
IRANGE2
Allowed operating
input current for
LED pin 5 to 8
(X = 5 to 8)
LEDX_IRNG = 0
25
mA
LEDX_IRNG = 1
150
LEDX_IRNG = 2
225
LEDX_IRNG = 3
300
VCompl1
Compliance
voltage for LED
pin 1 to 4
(X = 1 to 4)
LEDX_IRNG = 0
0.3
V
LEDX_IRNG = 1
0.4
V
LEDX_IRNG = 2
0.55
V
LEDX_IRNG = 3
0.75
V
VCompl2
Compliance
voltage for LED
pin 5 to 8
(X = 5 to 8)
LEDX_IRNG = 0
0.3
V
LEDX_IRNG = 1
0.4
V
LEDX_IRNG = 2
0.55
V
LEDX_IRNG = 3
0.75
V
ECG/BioZ channel
MOD3RES
ADC resolution of
ECG and BioZ
Modulator 3
20
bit
ECG amplifier
VIN_SIG
Input signal ECG
-10
10
mV
VIN_DC_OFF
Input DC offset
-300
300
mV
VNoise, p-v
Input peak to
valley noise
50
µV
RIN
Input impedance
1
GΩ
VECG_REF
ECG_REF voltage
0.8
V
CMRR
Common-mode
rejection ratio
According to IEC60601-2-47
117
dB
ECGNOISE
Input-referred
noise
According to IEC60601-2-47
2
µVRMS
ECGLEAK
Input leakage
current
At ECG_INN and ECG_INP
70
pA
ECGGAIN_ACC
Gain accuracy
According to IEC60601-2-47
2.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com