Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 40Page - ams-OSRAM AG AS7058 Datasheet HTML 41Page - ams-OSRAM AG AS7058 Datasheet HTML 42Page - ams-OSRAM AG AS7058 Datasheet HTML 43Page - ams-OSRAM AG AS7058 Datasheet HTML 44Page - ams-OSRAM AG AS7058 Datasheet HTML 45Page - ams-OSRAM AG AS7058 Datasheet HTML 46Page - ams-OSRAM AG AS7058 Datasheet HTML 47Page - ams-OSRAM AG AS7058 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
44 / 199
/
Table 9: tMEASURE examples for different register settings
Register
Register example configurations
filter_mode
1
1
1
1
1
1
1
1
1
sel_order
1
1
1
1
1
1
1
1
1
seset_delay
0
0
0
0
0
0
0
0
0
start_delay
0
0
0
0
0
0
0
0
0
sinc_dec
0
1
2
3
4
1
2
3
4
os_delay
0
0
0
0
0
0
0
0
0
sinc_ovs
0
0
0
0
0
1
2
4
7
PPG modulator
clock (fMOD_CLK)
tMEASURE [µs]
10 MHz
9.1
17.1
33.1
65.1
129.1
20.3
52.3
257.1
3380.3
5 MHz
18.2
34.2
66.2
130.2
258.2
40.6
104.6
514.2
6760.6
2.5 MHz
36.4
68.4
132.4
260.4
516.4
81.2
209.2
1028.4
13521
1.25 MHz
72.8
136.8
264.8
520.8
1032.8
162.4
418.4
2056.8
27042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com