Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 67 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 67 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 63Page - ams-OSRAM AG AS7058 Datasheet HTML 64Page - ams-OSRAM AG AS7058 Datasheet HTML 65Page - ams-OSRAM AG AS7058 Datasheet HTML 66Page - ams-OSRAM AG AS7058 Datasheet HTML 67Page - ams-OSRAM AG AS7058 Datasheet HTML 68Page - ams-OSRAM AG AS7058 Datasheet HTML 69Page - ams-OSRAM AG AS7058 Datasheet HTML 70Page - ams-OSRAM AG AS7058 Datasheet HTML 71Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
67 / 199
/
7.11
Startup information
To guarantee proper startup of AS7058 it is recommended to follow a defined startup timing of
the power supply reels. It is important that VVCSELS supply voltage is delayed compared to
VDVDD, VAVDD and VIOVDD supply voltage like it is shown in Figure 61. However, if the suggested
timing cannot be fulfilled and all supply voltages do start in parallel (tST_VCSELS=0 ms) this is
supported with the drawback that the connected LEDs might light up for a short period of time
during the very first startup of the device until all supplies are settled. If this behavior is
acceptable, all supplies can start up in parallel.
Figure 61: AS7058 startup timing diagram
7.11.1
Parameter
Table 14: Startup timing parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tST_VCSELS
Startup delay VLED supply voltage
0
1
ms
VAVDDx
VDVDD
VIOVDD
VVCSELS
tST_VCSELS
VAVDD_MIN
VDVDD_MIN
VIOVDD _MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com