Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 46Page - ams-OSRAM AG AS7058 Datasheet HTML 47Page - ams-OSRAM AG AS7058 Datasheet HTML 48Page - ams-OSRAM AG AS7058 Datasheet HTML 49Page - ams-OSRAM AG AS7058 Datasheet HTML 50Page - ams-OSRAM AG AS7058 Datasheet HTML 51Page - ams-OSRAM AG AS7058 Datasheet HTML 52Page - ams-OSRAM AG AS7058 Datasheet HTML 53Page - ams-OSRAM AG AS7058 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
50 / 199
/
In response to that stimulus, the voltages at the ECG input will change and depend on the
impedances between electrodes and skin. These voltages can be measured by MOD3 directly
via the modulator input multiplexer that can be configured via ECGMOD_IMUX_SEL2 register
like it is shown in Figure 42. The output of MOD3 is connected to a digital comparator which
can be programmed with a certain threshold (LEADOFF_TH_RES) for the leadoff detection to
create an interrupt for host notification. There is also an oversampling function implemented
which can be configured via LEADOFF_OVS register. Its value defines how many ADC
readings must be above or below the defined threshold that a lead off condition is detected
and an interrupt is generated. In addition to the oversampling function it is also possible to
configure if the comparator triggers on the positive and negative edge of the lead off signal.
This function can be configured with the register LEADOFF_EDGE. A simplified timing
diagram which shows the use of the oversampling function is shown in Figure 43. In case of a
rising edge of the ECG input signal voltage which is four times above the threshold value the
LEADOFF_ON register bit is set and an interrupt (IRQ_LEADOFF) is released. The interrupt
as well as the lead off status bits are cleared once the STATUS_LEADOFF register is read.
Figure 43: Lead off detection timing diagram
Lead-Off Threshold
LEADOFF_TH_RES[15:0]
Lead-Off Oversampling
LEADOFF_OVS[2:0]
Lead-Off Edge Detection
LEADOFF_EDGE<1:0>
Lead-Off OnStatus Register
LEADOFF_ON
Lead-Off Off Status Register
LEADOFF_OFF
LEADOFF_OVS = 0x04
LEADOFF_EDGE = 0x03
1
2
3
4
1
2
3
Proximity Interrupt
IRQ_LEADOFF
Read
STATUS_LEADOFF[2:0]
4
Read
STATUS_LEADOFF[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com