Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 12Page - ams-OSRAM AG AS7058 Datasheet HTML 13Page - ams-OSRAM AG AS7058 Datasheet HTML 14Page - ams-OSRAM AG AS7058 Datasheet HTML 15Page - ams-OSRAM AG AS7058 Datasheet HTML 16Page - ams-OSRAM AG AS7058 Datasheet HTML 17Page - ams-OSRAM AG AS7058 Datasheet HTML 18Page - ams-OSRAM AG AS7058 Datasheet HTML 19Page - ams-OSRAM AG AS7058 Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 199 page
background image
AS7058
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
16 / 199
/
5.1
Power consumption
This chapter contains typical power consumption values for PPG and ECG measurements.
The measurement setup is shown in Figure 3.
Conditions: TA = 25 °C, VDVDD = 1.8 V, VAVDD = 1.8 V, VIOVDD = 1.8 V; VVCSELS = 5 V
Table 5: Typical power consumption
Symbol
Operation mode
Measurement conditions
Typ.
IVDD
Typ.
IVCSELS
Typ.
ILED
Unit
IDVDD
Supply current in
power down mode
1.80
µA
IAVDD
Supply current in
power down mode
0.15
µA
IIOVDD
Supply current in
power down mode
0.02
µA
IVCSELS
Supply current in
power down mode
0.01
µA
IPPG_25Hz
PPG current
consumption 25 Hz
Sample Rate
Standby Mode enabled; 1 LED driver
active @ 150 mA current range; 10 mA
LED active current; 1 ADC active; Single
Normal Measurement; no postprocessing
enabled; fs=25 Hz; fMOD_CLK=10 MHz;
tINTEGRATION=58 µs;
17
0.01
15
µA
Standby Mode enabled; 1 LED driver
active @ 150 mA current range; 10 mA
LED active current; 1 ADC active; Single
Normal Measurement; no postprocessing
enabled; fs=25 Hz; fMOD_CLK=10 MHz;
tINTEGRATION=117 µs;
28
0.01
29
µA
IECG_400Hz
ECG measurement
400 Hz sample rate
Standby Mode enabled; High pass
enabled; LP bypassed; Chopper INA1
enabled with 8 kHz; INA1 Gain=4; INA2
Gain = 64; IMUX Gain1, IIR filter enabled
for on chip notch filtering;
tINTEGRATION=150 µs; fs=400 Hz;
0.66
0.01
-
mA
IECG_1kHz
ECG measurement
1 kHz sample rate
High pass enabled; LP bypassed;
Chopper INA1 enabled with 8 kHz; INA1
Gain=4; INA2 Gain=64; IMUX Gain1, IIR
filter enabled for on chip notch filtering;
tINTEGRATION=150 µs; fs= 1 kHz;
1.62
0.01
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com