Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 20Page - ams-OSRAM AG AS7058 Datasheet HTML 21Page - ams-OSRAM AG AS7058 Datasheet HTML 22Page - ams-OSRAM AG AS7058 Datasheet HTML 23Page - ams-OSRAM AG AS7058 Datasheet HTML 24Page - ams-OSRAM AG AS7058 Datasheet HTML 25Page - ams-OSRAM AG AS7058 Datasheet HTML 26Page - ams-OSRAM AG AS7058 Datasheet HTML 27Page - ams-OSRAM AG AS7058 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
24 / 199
/
7.1
LED driver
The PPG block in the AS7058 features two independent LED current drivers connected to
eight LED input pins via two multiplexers. The two LED current sinks have 8-bit resolution with
four programmable full-scale range settings of 25 mA, 150 mA, 225 mA, and 300 mA (typ.).
The lowest range with 25 mA is supposed to be used in combination with the VCSEL emitter
technology. Both drivers include their protection block to supervise the power supply and
interrupt when a malfunction is detected, which would violate laser safety regulations. The
configuration of the LED drivers can be uniquely set for each measurement. The
SUBY_DRVX_SEL defines which LED is selected for each sub sample measurement.
Table 6: LED driver and MUX configuration
Register value
SUBy_DRV1_SEL
SUBy_DRV2_SEL
0
LED1
LED5
1
LED2
LED6
2
LED3
LED7
3
LED4
LED8
Figure 22 shows how the two LED drivers are connected to the eight LED pins and how the
VCSEL protection block is integrated. The minimum LED supply voltage VLED depends on the
forward voltage of the selected LEDs and the minimum driver headroom voltage which is
shown in Table 7. Since AS7058 current sinks support up to four different current operation
ranges the minimum driver headroom voltage is also dependent on the selected LED driver
full-scale range. Therefore, the minimum voltage that needs to be applied is the sum of the
forward voltage of the LED and the LED driver headroom voltage depending on the selected
LED driver full scale range.
Table 7: LED driver full-scale range headroom voltage
LED driver full-scale range (mA)
LED driver headroom voltage (mV)
25
300
150
400
225
550
300
750
The VLED supply voltage must be above the sum of both voltages to enable proper regulation of
the LED driver and to guarantee the configured LED current for each driver. A lower supply
voltage can result in increased noise behavior and not reaching target LED currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com