Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 23Page - ams-OSRAM AG AS7058 Datasheet HTML 24Page - ams-OSRAM AG AS7058 Datasheet HTML 25Page - ams-OSRAM AG AS7058 Datasheet HTML 26Page - ams-OSRAM AG AS7058 Datasheet HTML 27Page - ams-OSRAM AG AS7058 Datasheet HTML 28Page - ams-OSRAM AG AS7058 Datasheet HTML 29Page - ams-OSRAM AG AS7058 Datasheet HTML 30Page - ams-OSRAM AG AS7058 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
27 / 199
/
7.3
PPG ADC1 and ADC2
The PPG data acquisition signal path of AS7058 features two parallel synchronous current
input analog to digital converters. Both ADC channels shown in Figure 24 and Figure 25 do
provide same functionality and support true synchronous sampling of the assigned photodiode
inputs. Therefore, it is possible to read out two photodiodes in a single PPG subsample
measurement.
Figure 24: PPG ADC 1 signal path
Figure 25: PPG ADC 2 signal path
MOD 1
Current input
PPG ADC
1µA - 64µA; 20 Bit
Current DAC 1
Offset Compensation
8bit; 1µA- 128µA
PDREF
PDx
PDx_MUX
PDREF
MOD1
MOD2
Digital Sequencer
Offset Control Signal
AAOC
Bitstream to
Decimation filter
PDx
PDx
Decimation
Filters and post
processing
MOD 2
Current input
PPG ADC
1µA - 64µA; 20 Bit
Current DAC 2
Offset Compensation
8bit; 1µA- 128µA
PDREF
PDx
PDx_MUX
PDREF
MOD1
MOD2
Digital Sequencer
Offset Control Signal
AAOC
Bitstream to
Decimation filter
PDx
PDx
Decimation
Filters and post
processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com