Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 27Page - ams-OSRAM AG AS7058 Datasheet HTML 28Page - ams-OSRAM AG AS7058 Datasheet HTML 29Page - ams-OSRAM AG AS7058 Datasheet HTML 30Page - ams-OSRAM AG AS7058 Datasheet HTML 31Page - ams-OSRAM AG AS7058 Datasheet HTML 32Page - ams-OSRAM AG AS7058 Datasheet HTML 33Page - ams-OSRAM AG AS7058 Datasheet HTML 34Page - ams-OSRAM AG AS7058 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 199 page
background image
AS7058
Functional description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
31 / 199
/
The clock which is used to derive the PPG sample period for the PPG Sequencer is configured
with the 16-bit PPG clock divider registers PPG_FREQH and PPG_FREQL. The clocks and its
related sample periods for the ECG/BioZ Sequencer are configured with three additional clock
dividers. There is an ECG base divider which is configured with ECG_FREQH and
ECG_FREQL register. The output of the ECG Base Divider is fed into the ECG1 Clock Divider
and ECG2 Clock Divider, which define the sampling period for ECG/BioZ Sequencer 1 and
Sequencer 2. ECG1 Clock Divider is controlled via register ECG1_FREQDIVH and
ECG1_FREQDIVL. ECG2 Clock Divider is controlled via register ECG2_FREQDIVH and
ECG2_FREQDIVL. An overview of the sequencer clock generation unit is shown in Figure 28.
7.5
PPG sample structure
The AS7058 offers high flexibility in programming all the different combinations of the
photodiode and LED pins. The PPG sequencer divides a PPG measurement into PPG
samples according to the programmed PPG Sample Period time like it is shown in Figure 27.
Each PPG Sample can be divided into a maximum of eight subsamples, which allow for
individual configuration. An overview of the configuration options for a PPG Sample is shown
in Figure 29. There are general settings and like which LED is assigned to which LED input
channel which are the same for each subsample. The LED input channel current settings can
be configured with LEDx_ICTRL along with the LED current range LEDx_IRNG for each LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com