Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 101 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 101 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 97Page - ams-OSRAM AG AS7058 Datasheet HTML 98Page - ams-OSRAM AG AS7058 Datasheet HTML 99Page - ams-OSRAM AG AS7058 Datasheet HTML 100Page - ams-OSRAM AG AS7058 Datasheet HTML 101Page - ams-OSRAM AG AS7058 Datasheet HTML 102Page - ams-OSRAM AG AS7058 Datasheet HTML 103Page - ams-OSRAM AG AS7058 Datasheet HTML 104Page - ams-OSRAM AG AS7058 Datasheet HTML 105Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
101 / 199
/
8.6.2
VCSEL_CFG (Address 0x41)
Table 61: VCSEL_CFG register
Addr: 0x41
VCSEL_CFG
Bit
Bit name
Default
Access
Bit description
7
vcsel_wd_disable
0
RW
Disable VCSEL Watchdog
0: Watchdog active
1: Watchdog inactive
6
vcsel_safety_disable
0
RW
Disable the safety control logic evaluation of the short to
the VSS/VDD signals.
0: Safety logic active
1: Safety logic inactive
5:4
vcsel_vrsel
0
RW
Selection of the reference voltage for short to VDD
comparators.
0: 50 mV
1: 100 mV
2: 150 mV
3: 200 mV
3:2
vcsel_short_vdd_wait
0
RW
The vcsel_t_short_vdd_wait defines the time between
switching on Short detection and a valid result.
All the VCSEL LEDs use the same time.
0: 2 µs
1: 4 µs
2: 8 µs
3: 12 µs
1:0
vcsel_short_vss_wait
0
RW
The vcsel_t_short_vss_wait defines the time between
switching on Short detection and a valid result.
All the VCSEL LEDs use the same time.
0: 2 µs
1: 4 µs
2: 7 µs
3: 10 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com