Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 148 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 148 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 144Page - ams-OSRAM AG AS7058 Datasheet HTML 145Page - ams-OSRAM AG AS7058 Datasheet HTML 146Page - ams-OSRAM AG AS7058 Datasheet HTML 147Page - ams-OSRAM AG AS7058 Datasheet HTML 148Page - ams-OSRAM AG AS7058 Datasheet HTML 149Page - ams-OSRAM AG AS7058 Datasheet HTML 150Page - ams-OSRAM AG AS7058 Datasheet HTML 151Page - ams-OSRAM AG AS7058 Datasheet HTML 152Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
148 / 199
/
8.12
Sequencer
8.12.1
IRQ_ENABLE (Address 0x95)
Table 145: IRQ_ENABLE register
Addr: 0x95
IRQ_ENABLE
Bit
Bit name
Default
Access
Bit description
7
irq_en_iir_overflow
0
RW
Enable the interrupt for IIR Filter overflow.
6
irq_en_leadoff
0
RW
Edge Lead-Off Interrupt.
5
irq_en_vcsel
0
RW
VCSEL short to the VDD/VSS or VCSEL watchdog
detection.
4
irq_en_asat
0
RW
Analog Saturation Interrupt.
3
irq_en_led_lowvds
0
RW
LED lowvds Interrupt.
2
irq_en_fifooverflow
0
RW
FIFO overflow occurred. Next sample is lost.
1
irq_en_fifothreshold
0
RW
FIFO is almost full, FIFO_LEVEL > FIFO_THRESHOLD
0
irq_en_sequencer
0
RW
Sequencer
Measurements ended in accordance with
SEQ_COUNT>0.
No display with continuous measurement
SEQ_COUNT=0.
Reset by reading the STATUS.
8.12.2
PPG_SUBWAIT (Address 0x96)
Table 146: PPG_SUBWAIT register
Addr: 0x96
PPG_SUBWAIT
Bit
Bit name
Default
Access
Bit description
7:0
sub_wait
0
RW
Distance between the subsamples; N * 1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com