Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 158 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 158 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 154Page - ams-OSRAM AG AS7058 Datasheet HTML 155Page - ams-OSRAM AG AS7058 Datasheet HTML 156Page - ams-OSRAM AG AS7058 Datasheet HTML 157Page - ams-OSRAM AG AS7058 Datasheet HTML 158Page - ams-OSRAM AG AS7058 Datasheet HTML 159Page - ams-OSRAM AG AS7058 Datasheet HTML 160Page - ams-OSRAM AG AS7058 Datasheet HTML 161Page - ams-OSRAM AG AS7058 Datasheet HTML 162Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
158 / 199
/
8.12.16
PPG_MODE8 (Address 0xa4)
Table 160: PPG_MODE8 register
Addr: 0xa4
PPG_MODE8
Bit
Bit name
Default
Access
Bit description
4:2
ppg_mode_sub8
0
RW
This register defines the number of measurement
repetitions for the selected measurement mode.
0: No repetition of selected measurement mode
1: 2 measurement repetitions
2: 4 measurement repetitions
3: 8 measurement repetitions
4: 16 measurement repetitions
5: 32 measurement repetitions
6: 64 measurement repetitions
7: 128 measurement repetitions
1:0
RW
Measure Mode
0: Single Sampling
1: Double Sampling
2: Triple Sampling
3: SAR Single Sampling
8.12.17
PPG_CFG (Address 0xa5)
Table 161: PPG_CFG register
Addr: 0xa5
PPG_CFG
Bit
Bit name
Default
Access
Bit description
3
ext_freq
0
RW
This bit disables the FREQ registers of PPG and ECG.
A rising edge on the EXTCLK_SYNC pin starts the
measurement of one sample in case ext_freq bit is set.
2
moving_average_on
0
RW
Turn ON Moving Average for PPG.
1:0
moving_average_val
0
RW
Number of samples used for the moving average filter of
the PPG.
0: 2
1: 4
2: 8
3: 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com