Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 182 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 182 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 178Page - ams-OSRAM AG AS7058 Datasheet HTML 179Page - ams-OSRAM AG AS7058 Datasheet HTML 180Page - ams-OSRAM AG AS7058 Datasheet HTML 181Page - ams-OSRAM AG AS7058 Datasheet HTML 182Page - ams-OSRAM AG AS7058 Datasheet HTML 183Page - ams-OSRAM AG AS7058 Datasheet HTML 184Page - ams-OSRAM AG AS7058 Datasheet HTML 185Page - ams-OSRAM AG AS7058 Datasheet HTML 186Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
182 / 199
/
8.17.3
GPIO_CTRL (Address 0xee)
Table 202: GPIO_CTRL register
Addr: 0xee
GPIO_CTRL
Bit
Bit name
Default
Access
Bit description
1
gpio_in
0
RW
Readable value from the GPIO.
0
gpio_out
0
RW
Programmable GPIO output.
8.17.4
CHIP_CTRL (Address 0xef)
Table 203: CHIP_CTRL register
Addr: 0xef
CHIP_CTRL
Bit
Bit name
Default
Access
Bit description
1
wd_reset
0
W
Writing this register resets the watchdog output inside
VCSEL safety block to remove an error condition.
0
chip_reset
0
W
Writing this registers triggers a power on reset
condition.
8.17.5
SEQ_START (Address 0xf0)
Table 204: SEQ_START register
Addr: 0xf0
SEQ_START
Bit
Bit name
Default
Access
Bit description
1
start_seq
0
R_PUSH
Write a pulse for the start or stop of the
measurements.
0: Stop
1: Start
Read the status of the measurement.
0: Inactive
1: Active
The number of measurements is specified in the
SEQ_SAMPLE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com