Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7058 Datasheet(PDF) 187 Page - ams-OSRAM AG

Part # AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Datasheet(HTML) 187 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 183Page - ams-OSRAM AG AS7058 Datasheet HTML 184Page - ams-OSRAM AG AS7058 Datasheet HTML 185Page - ams-OSRAM AG AS7058 Datasheet HTML 186Page - ams-OSRAM AG AS7058 Datasheet HTML 187Page - ams-OSRAM AG AS7058 Datasheet HTML 188Page - ams-OSRAM AG AS7058 Datasheet HTML 189Page - ams-OSRAM AG AS7058 Datasheet HTML 190Page - ams-OSRAM AG AS7058 Datasheet HTML 191Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
187 / 199
/
8.17.15
STATUS (Address 0xfa)
The STATUS register shows the current status of the interface. When released via
IRQ_ENABLE, all the bits can trigger an interrupt.
Reading the STATUS registers only deletes irq_iir_overflow, irq_fifooverflow, and
irq_sequencer.
To delete irq_leadoff, the STATUS_LEADOFF register must be read.
To delete irq_vcsel, the STATUS_VCSEL register must be read.
To delete irq_asat, the STATUS_ASAT register must be read.
To delete irq_lowvds, the STATUS_LED register must be read.
To delete irq_sequencer, the STATUS_SEQ register must be read.
The interrupt for the fill level of the FIFO irq_fifothreshold cannot be deleted directly, but only
by lowering the FIFO level.
Table 214: STATUS register
Addr: 0xfa
STATUS
Bit
Bit name
Default
Access
Bit description
7
irq_iir_overflow
0
RO
Interrupt status bit if the IIR filter block has an overflow
condition.
6
irq_leadoff
0
RO
Lead-Off Interrupt.
Check Register STATUS_LEADOFF.
5
irq_vcsel
0
RO
VCSEL short to VCSELS/PGND or VCSEL watchdog
detection.
Check Register STATUS_VCSEL,
STATUS_VCSEL_VSS and STATUS_VCSEL_VDD.
4
irq_asat
0
RO
Analog Saturation Interrupt.
Check Register STATUS_ASATA and
STATUS_ASATB.
3
irq_led_lowvds
0
RO
LED lowvds Interrupt.
Check Register STATUS_LED.
2
irq_fifooverflow
0
RO
FIFO overflow occurred. The next sample is lost.
1
irq_fifothreshold
0
RO
FIFO is almost full, FIFO_LEVEL >
FIFO_THRESHOLD
0
irq_sequencer
0
RO
Sequencer Interrupt.
Check Register STATUS_SEQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com