Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 30Page - Renesas Technology Corp 7220 Datasheet HTML 31Page - Renesas Technology Corp 7220 Datasheet HTML 32Page - Renesas Technology Corp 7220 Datasheet HTML 33Page - Renesas Technology Corp 7220 Datasheet HTML 34Page - Renesas Technology Corp 7220 Datasheet HTML 35Page - Renesas Technology Corp 7220 Datasheet HTML 36Page - Renesas Technology Corp 7220 Datasheet HTML 37Page - Renesas Technology Corp 7220 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 303 page
background image
2-7
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.1 Central processing unit
74
0
1
=B Flag
PS (processor status register)
PCH (high-order of program counter)
PCL (low-order of program counter)
Bit
S
S+1
S+2
S+3
Fig. 2.1.4 Contents of stack after execution of BRK instruction
(6)
X modified operation mode flag (T) .............. Bit 5
This flag determines whether arithmetic operations are performed via the accumulator or directly
between memories. When the flag is set to “0”, arithmetic operations are performed between the
accumulator and memory. When “1,” arithmetic operations are performed directly between memories.
This flag is set to “1” with the SET instruction and is cleared to “0” with the CLT instruction.
Since this flag directly affects calculations, always initialize it after a reset.
s When the T flag = “0”
A
←A V M
V : indicates an arithmetic operation
A : accumulator contents
M: contents of the memory specified by the addressing of the arithmetic operation
s When the T flag = “1”
M1
←M1 V M2
V : indicates arithmetic operation
M1: contents of memory specified directly with index register X
M2: contents of the memory specified by the addressing of the arithmetic operation
(7)
Overflow flag V ................................................... Bit 6
This flag is set to “1” when an overflow occurs in the result of an arithmetic operation involving signs.
An overflow occurs when the result of an addition or subtraction exceeds +127 (7F16) or –128 (8016).
The CLV instruction clears the overflow flag to “0.” There is no instruction for setting this flag to “1.”
When the BIT instruction is executed except the above, bit 6 of the memory executed by the BIT
instruction is set to the overflow flag.
This flag has no meaning in decimal mode.
Note: Overflows do not occur when the result of an addition or subtraction is smaller than the above
numerical values or an addition is performed between different signs.
(8)
Negative flag (N) ......................................................... Bit 7
This flag is set to “1” when the result of a data transfer or arithmetic operation is negative (bit 7 is
“1”). When the BIT instruction is executed, bit 7 of the memory executed by the BIT instruction is
set to the negative flag. This flag can be used to determine whether the results of arithmetic operations
are positive or negative, and also to perform a simple bit test. There are no instructions for directly
setting or clearing this flag.
This flag has no meaning in decimal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com