Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 94Page - Renesas Technology Corp 7220 Datasheet HTML 95Page - Renesas Technology Corp 7220 Datasheet HTML 96Page - Renesas Technology Corp 7220 Datasheet HTML 97Page - Renesas Technology Corp 7220 Datasheet HTML 98Page - Renesas Technology Corp 7220 Datasheet HTML 99Page - Renesas Technology Corp 7220 Datasheet HTML 100Page - Renesas Technology Corp 7220 Datasheet HTML 101Page - Renesas Technology Corp 7220 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 303 page
background image
2-71
7220 Group User’s Manual
2.11 CRT display function
2.11 CRT display function
Table 2.11.1 shows the outline the CRT display function of the M37221M6-XXXSP/FP.
M37220M3-XXXSP/FP
Refer to “CHAPTER 4. M37220M3-XXXSP/FP.”
The M37221M6-XXXSP/FP has the 24 characters ! 2 lines CRT display circuit. CRT display is controlled
by the CRT control register.
Up to 256 kinds of characters can be displayed, and colors can be specified for each character. Up to 4
kinds of colors can be displayed on 1 screen. A combination of up to 7 colors can be obtained by using each
output signal (R, G, and B). Characters are displayed in a 12 ! 16 dot structure to display smooth character
patterns (refer to “Figure 2.11.1”).
How to display characters on the CRT screen is described below.
Œ Write the display character code in the display RAM.
 Specify the display color by the color register.
Ž Write the color register in which the display color is set in the display RAM.
 Specify the vertical position by the vertical position register.
 Specify the character size by the character size register.
‘ Specify the horizontal position by the horizontal position register.
’ Write the display control bit to the designated block display flag of the CRT control register. When this
is done, the CRT starts according to the input of the VSYNC signal.
The CRT display circuit has an extended display mode. This mode allows multi-line (more than 3 lines) to
be displayed on the screen by interrupting each time 1 line is displayed and rewriting data in the block which
display is terminated by software.
Figure 2.11.2 shows the CRT display circuit block diagram. Figure 2.11.3 shows the CRT control register.
Fig. 2.11.1 Structure of CRT display character
Table 2.11.1 Outline of CRT display function
Performance
24 characters ! 2 lines
12 dots ! 16 dots
(Refer to “Figure 2.11.1”)
256 kinds
3 kinds
1 screen; 4 kinds, maximum 7 kinds
A character
Possible (multi-line display)
Possible (maximum 7 kinds)
Possible (a character unit, 1
screen; 4 kinds, maximum 7 kinds)
Kinds of character
Kinds of character sizes
Parameter
Number of display
character
Dot structure
Color
Display extension
Raster coloring
Character background
coloring
Kind of colors
Coloring unit
12 dots
16 dots
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com