Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 2Page - Renesas Technology Corp 7220 Datasheet HTML 3Page - Renesas Technology Corp 7220 Datasheet HTML 4Page - Renesas Technology Corp 7220 Datasheet HTML 5Page - Renesas Technology Corp 7220 Datasheet HTML 6Page - Renesas Technology Corp 7220 Datasheet HTML 7Page - Renesas Technology Corp 7220 Datasheet HTML 8Page - Renesas Technology Corp 7220 Datasheet HTML 9Page - Renesas Technology Corp 7220 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 303 page
background image
ii
2. Register diagram
The figure of each register structure describes its functions, contents at reset, end attributes as follows:
Values immediately after reset release
Bit attributes
(Note 1)
(Note 2)
Bits
2: Bit attributes••••••The attributes of control register bits are classified into 3 types : read-only, write-only
and read and write. In the figure, these attributes are represented as follows :
: Bit in which nothing is assigned
Notes 1: Values immediately after reset release
0••••••“0” after reset release
1••••••“1” after reset release
?••••••Indeterminate after reset release
••••••Read enabled
••••••Read disabled
R••••••Read
••••••Write enabled
••••••Write disabled
••••••“0” can be set by software, but “1”
cannot be set.
W••••••Write
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register (CPUM) (CM) [Address FB 16]
B
After reset
RW
CPU Mode Register
0, 1
2
3
to
5
0
1
Name
Functions
Fix these bits to “0.”
Fix these bits to “1.”
1
Stack page selection
bit (CM2)
1
0: 0 page
1: 1 page
10
0
6, 7
Indeterminate
1
11
RW
RW
RW
RW
R
—
W
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com