Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 63Page - Renesas Technology Corp 7220 Datasheet HTML 64Page - Renesas Technology Corp 7220 Datasheet HTML 65Page - Renesas Technology Corp 7220 Datasheet HTML 66Page - Renesas Technology Corp 7220 Datasheet HTML 67Page - Renesas Technology Corp 7220 Datasheet HTML 68Page - Renesas Technology Corp 7220 Datasheet HTML 69Page - Renesas Technology Corp 7220 Datasheet HTML 70Page - Renesas Technology Corp 7220 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 303 page
background image
2-40
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.7 Serial I/O
2.7 Serial I/O
The M37221M6-XXXSP/FP has on-chip clock synchronous serial I/O which can receive and transmit 8-bit
data serially.
Because pin SOUT also can be used as the serial I/O data input pin, it can transmit and receive with only
one signal line.
2.7.1 Structure of serial I/O
Serial I/O consists of
q Serial I/O register
q Serial I/O mode register
q Serial I/O counter
q Clock source generating counter
The serial I/O register is the register which 8-bit transfer data is written into. Each function of serial I/O
can be controlled by setting appropriate values to the serial I/O mode register.
Serial I/O transfers data to and from the internal CPU via the data bus, and it transfers data to and from
external devices via ports P2 2–P20. When using the serial I/O, ports P2 2–P20 have the following functions:
q P20: Serial I/O synchronous clock input/output pin (SCLK)
q P21: Serial I/O data input/output pin (SOUT)
q P22: Serial I/O data input pin (SIN)
The functions of these ports can be selected by the serial I/O mode register.
The transfer clock that determines the serial data transfer rate can selected 4 kinds of clock sources with
the serial I/O mode register.
Figure 2.7.1 shows the serial I/O block diagram, Figure 2.7.2 shows the serial I/O mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com