Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 81Page - Renesas Technology Corp 7220 Datasheet HTML 82Page - Renesas Technology Corp 7220 Datasheet HTML 83Page - Renesas Technology Corp 7220 Datasheet HTML 84Page - Renesas Technology Corp 7220 Datasheet HTML 85Page - Renesas Technology Corp 7220 Datasheet HTML 86Page - Renesas Technology Corp 7220 Datasheet HTML 87Page - Renesas Technology Corp 7220 Datasheet HTML 88Page - Renesas Technology Corp 7220 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 303 page
background image
2-58
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.8 Multi-master I2C-BUS interface
(1)
START condition generation method
When the ESO bit of the I2C control register (address 00DA16) is “1,” execute a write instruction to
the I2C status register (address 00D916) to set the MST, TRX and BB bits to “1.” A START condition
will then be generated. After that, the bit counter becomes “0002” and an SCL for 1 byte is output.
The START condition generating timing and BB bit set timing are different in the standard clock mode
and the high-speed clock mode. Refer to “Figure 2.8.9” for the START condition generation timing
diagram, and “Table 2.8.2” for the START condition/STOP condition generation timing table.
(2)
STOP condition generation method
When the ESO bit of the I2C control register (address 00DA16) is “1,” execute a write instruction to
the I2C status register (address 00D916) for setting the MST bit and the TRX bit to “1” and the BB
bit to “0”. A STOP condition will then be generated. The STOP condition generation timing and the
BB flag reset timing are different in the standard clock mode and the high-speed clock mode. Refer
to “Figure 2.8.10” for the STOP condition generating timing diagram, and “Table 2.8.2” for the
START condition/STOP condition generation timing table.
2.8.3 START condition, STOP condition generation method
Fig. 2.8.9 START condition generation timing diagram
I2C status register
write signal
Set time for
BB flag
Hold time
Setup
time
SCL
SDA
BB flag
Setup
time
Fig. 2.8.10 STOP condition generation timing diagram
I2C status register
write signal
Reset time for
BB flag
Hold time
Setup
time
SCL
SDA
BB flag
Item
Setup time
Hold time
Set/reset time for BB flag
High-speed clock mode
2.5
µ s (10 cycles)
2.5
µ s (10 cycles)
1.5
µ s (6 cycles)
Standard clock mode
5.0
µ s (20 cycles)
5.0
µ s (20 cycles)
3.0
µ s (12 cycles)
Note: Absolute time at
f = 4 MHz.
The value in parentheses denotes the number of
f cycles.
Table 2.8.2 START condition/STOP condition generation timing table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com