Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 85Page - Renesas Technology Corp 7220 Datasheet HTML 86Page - Renesas Technology Corp 7220 Datasheet HTML 87Page - Renesas Technology Corp 7220 Datasheet HTML 88Page - Renesas Technology Corp 7220 Datasheet HTML 89Page - Renesas Technology Corp 7220 Datasheet HTML 90Page - Renesas Technology Corp 7220 Datasheet HTML 91Page - Renesas Technology Corp 7220 Datasheet HTML 92Page - Renesas Technology Corp 7220 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 303 page
background image
2-62
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.9 A-D comparator
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register 2(AD2) [Address 00EF16]
B
After reset
RW
A-D Control Register 2
0
to
5
6, 7
0
0
Name
Functions
D-A converter set bits
(ADC0, ADC1, ADC2,
ADC3, ADC4, ADC5)
b0
b1
b2
b3
b4
b5
Nothing is assigned. These bits are write disable bits.
When these bits are reed out, the values are “ 0.”
1
0000
00
0000
0
0
0000
0
0
111
1
1
1111
1
1
1111
11
: 3/128Vcc
: 5/128Vcc
: 123/128Vcc
: 125/128Vcc
: 127/128Vcc
: 1/128Vcc
RW
R—
Fig. 2.9.3 A-D control register 2 (address 00EF16)
Fig. 2.9.2 A-D control register 1 (address 00EE16)
Table 2.9.1 Relationship between contents of A-D control register 2 and reference voltage “Vref”
A-D control register 2
bit 3
0
0
0
:
1
1
1
bit 4
0
0
0
:
1
1
1
bit 5
0
0
0
:
1
1
1
bit 2
0
0
0
:
1
1
1
bit 1
0
0
1
:
0
1
1
bit 0
0
1
0
:
1
0
1
Internal analog voltage
(comparison voltage Vref)
1/128VCC
3/128VCC
5/128VCC
:
123/128VCC
125/128VCC
127/128VCC
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register 1 (AD1) [Address 00EE16]
B
After reset RW
A-D Control Register 1
0
to
2
Analog input pin selection
bits
(ADM0, ADM1, ADM2)
Name
Functions
b2 b1 b0
0
0
0 : A-D1
0
0
1 : A-D2
0
1
0 : A-D3
0
1
1 : A-D4
1
0
0 : A-D5
1
0
1 : A-D6
1
1
0 :
1
1
1 :
4
Storage bit of comparison
result (ADM4)
0: Input voltage < reference voltage
1: Input voltage > reference voltage
5
to
7
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0
Indeterminate
0
0
Do not set.
3
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
RW
RW
R—
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com