Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 72Page - Renesas Technology Corp 7220 Datasheet HTML 73Page - Renesas Technology Corp 7220 Datasheet HTML 74Page - Renesas Technology Corp 7220 Datasheet HTML 75Page - Renesas Technology Corp 7220 Datasheet HTML 76Page - Renesas Technology Corp 7220 Datasheet HTML 77Page - Renesas Technology Corp 7220 Datasheet HTML 78Page - Renesas Technology Corp 7220 Datasheet HTML 79Page - Renesas Technology Corp 7220 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 303 page
background image
2-49
7220 Group User’s Manual
2.8 Multi-master I2C-BUS interface
2.8.2 Multi-master I2C-BUS interface-related registers
(1)
I2C data shift register (S0: address 00D716)
The I2C data shift register (S0 : address 00D716) is an 8-bit shift register to store receive data and
write transmit data.
When transmit data is written into this register, it is transferred to the outside from bit 7 in synchronization
with the SCL clock, and each time one-bit data is output, the data of this register are shifted one bit
to the left. When data is received, it is input to this register from bit 0 in synchronization with the SCL
clock, and each time one-bit data is input, the data of this register are shifted one bit to the left.
The I2C data shift register is in a write enable status only when the ESO bit of the I2C control register
(address 00DA16) is “1.” The bit counter is reset by a write instruction to the I2C data shift register.
When both the ESO bit and the MST bit of the I2C status register (address 00F916) are “1,” the SCL
is output by a write instruction to the I2C data shift register. Reading data from the I2C data shift
register is always enabled regardless of the ESO bit value.
Figure 2.8.2 shows the I2C data shift register.
Fig. 2.8.2 I2C data shift register
b7 b6 b5 b4 b3 b2 b1 b0
I C data shift register (S0) [Address 00D716]
B
Functions
After reset
RW
I C Data Shift Register
0
to
7
This is an 8-bit shift register to store
receive data and write transmit data.
Indeterminate
2
2
Note:
2
To write data into the I C data shift register after setting the MST bit to
“0” (slave mode), keep an interval of 8 machine cycles or more.
Name
D0 to D7
RW
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com