Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 18Page - Renesas Technology Corp 7220 Datasheet HTML 19Page - Renesas Technology Corp 7220 Datasheet HTML 20Page - Renesas Technology Corp 7220 Datasheet HTML 21Page - Renesas Technology Corp 7220 Datasheet HTML 22Page - Renesas Technology Corp 7220 Datasheet HTML 23Page - Renesas Technology Corp 7220 Datasheet HTML 24Page - Renesas Technology Corp 7220 Datasheet HTML 25Page - Renesas Technology Corp 7220 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 303 page
background image
1-4
7220 Group User’s Manual
OVERVIEW
Subroutine nesting
Interrupt
Clock generating circuit
Power source voltage
Power dissipation
12V withstand ports
LED drive ports
Operating temperature range
Device structure
Package
CRT display function
1.1 Performance overview
Table 1.1.2 Performance overview (2)
Performance
Parameter
96 levels (maximum)
128 levels (maximum)
External interrupt ! 3, Internal timer interrupt ! 4, Serial
I/O interrupt ! 1, CRT interrupt ! 1, Multi-master I2C-
BUS interface interrupt ! 1, f(XIN)/4096 interrupt ! 1,
VSYNC interrupt ! 1, BRK interrupt ! 1
2 built-in circuits (externally connected to a ceramic
resonator or a quartz-crystal oscillator)
5 V ± 10 %
165 mW typ. (at oscillation frequency f(XIN) = 8 MHz,
fCRT = 8 MHz)
110 mW typ. (at oscillation frequency f(XIN) = 8 MHz)
1.65 mW (maximum)
6
4
–10 °C to 70 °C
CMOS silicon gate process
42-pin shrink plastic molded DIP
42-pin shrink plastic molded SOP
24 characters ! 2 lines (maximum 16 lines by software)
12 ! 16 dots
256 kinds
3 kinds
Maximum 7 kinds (R, G, B); can be specified by the
character
64 levels (horizontal) ! 128 levels (vertical)
M37221M4-XXXSP
M37221M6-XXXSP/FP
M37221M8-XXXSP
M37221MA-XXXSP
CRT ON
CRT OFF
In stop mode
M37221M4-XXXSP
M37221M6-XXXSP
M37221M8-XXXSP
M37221MA-XXXSP
M37221M6-XXXFP
Number of display characters
Dot structure
Kinds of characters
Kinds of character sizes
Kinds of character
colors
Display position (horizontal, vertical)
Note: Only M37221M8-XXXSP and M37221MA-XXXSP have the function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com