Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 25Page - Renesas Technology Corp 7220 Datasheet HTML 26Page - Renesas Technology Corp 7220 Datasheet HTML 27Page - Renesas Technology Corp 7220 Datasheet HTML 28Page - Renesas Technology Corp 7220 Datasheet HTML 29Page - Renesas Technology Corp 7220 Datasheet HTML 30Page - Renesas Technology Corp 7220 Datasheet HTML 31Page - Renesas Technology Corp 7220 Datasheet HTML 32Page - Renesas Technology Corp 7220 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 303 page
background image
2-2
FUNCTIONAL DESCRIPTION
2.1 Central processing unit
7220 Group User’s Manual
2.1 Central processing unit
The CPU of the M37221M6-XXXSP/FP has six main registers.
The program counter (PC) is a 16-bit register consists of PCH and PCL, both of which are 8-bit registers.
The other five registers: the accumulator (A), index register X (X), index register Y (Y), stack pointer (S) and
processor status register (PS), all have an 8-bit configuration.
Note: The contents of registers above except the following are indeterminate after a hardware reset. Therefore,
initialize these registers by software.
• The Interrupt disable flag I of the processor status register = “1”
• The program counter = the contents of addresses FFFE16 and FFFF16
Figure 2.1.1 shows the registers configuration diagram of M37221M6-XXXSP/FP.
7
0
7
0
7
0
7
0
7
0
A
X
Y
S
NV T B D I Z
PCL
Decimal Operation Mode Flag
Break Flag
X Modified Operation Mode Flag
Overflow Flag
Negative Flag
7
0
PCH
7
0
C
Accumulator (A)
Index Register X (X)
Index Register Y (Y)
Stack Pointer (S)
Program Counter (PC)
Processor Status Register (PS)
Carry Flag
Zero Flag
Interrupt Disable Flag
Fig. 2.1.1 Registers configuration diagram
2.1.1 Accumulator (A)
The accumulator is the central register of the microcomputer and 8-bit register.
This general-purpose register is used with considerable for arithmetic operations, data transfer, temporary
clearing, condition judgments, etc.
2.1.2 Index register X (X), index register Y (Y)
The M37221M6-XXXSP/FP has the index register X and the index register Y, both of which are 8-bit
registers.
In the addressing modes which use these index registers, the register contents are added to the specified
address and this becomes the actual address. These modes are used for referencing subroutine tables and
memory tables.
The index registers, which have increment, decrement, comparison and data transfer functions, are also
used as simple accumulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com