Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 64Page - Renesas Technology Corp 7220 Datasheet HTML 65Page - Renesas Technology Corp 7220 Datasheet HTML 66Page - Renesas Technology Corp 7220 Datasheet HTML 67Page - Renesas Technology Corp 7220 Datasheet HTML 68Page - Renesas Technology Corp 7220 Datasheet HTML 69Page - Renesas Technology Corp 7220 Datasheet HTML 70Page - Renesas Technology Corp 7220 Datasheet HTML 71Page - Renesas Technology Corp 7220 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 303 page
background image
2-41
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.7 Serial I/O
Fig. 2.7.1 Serial I/O block diagram
Fig. 2.7.2 Serial I/O mode register (address 00DC16)
8
Serial I/O shift register (8)
Data bus
Serial I/O interrupt
request
Selection gate :
Connected to black
side at reset.
Synchronous circuit
Frequency
divider
1/8
1/4
1/16
SM1
SM0
Serial I/O counter (8)
SM5 : LSB
MSB
S
SM2
1/2
SM6
XIN
P22/SIN
P21/SOUT
P20/SCLK
1/2
SM3
P21 latch
P20 latch
SM3
(Address 00DD16)
SM : Serial I/O mode register
Clock source
generating circuit
Note: When the data is set in the serial I/O register (address 00DD16),
the register functions as the serial I/O shift register.
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O mode register (SM) [Address 00DC16]
B
Name
Functions
After reset RW
Serial I/O Mode Register
0, 1 Internal synchronous
clock selection bits
(SM0, SM1)
b1 b0
0
0: f(XIN)/4
0
1: f(XIN)/16
1
0: f(XIN)/32
1
1: f(XIN)/64
2
Synchronous clock
selection bit (SM2)
3
Serial I/O port
selection bit (SM3)
4
5
Transfer direction
selection bit (SM5)
7
0
0
0: P20, P21 functions
as port
1: SCLK, SOUT
0: External clock
1: Internal clock
0: LSB first
1: MSB first
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
6
Fix this bit to “0.”
0
0
0
0
0
0
Serial input pin
selection bit (SM6)
0: Input signal from S IN pin
1: Input signal from S OUT pin
RW
RW
RW
RW
RW
RW
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com