Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 70Page - Renesas Technology Corp 7220 Datasheet HTML 71Page - Renesas Technology Corp 7220 Datasheet HTML 72Page - Renesas Technology Corp 7220 Datasheet HTML 73Page - Renesas Technology Corp 7220 Datasheet HTML 74Page - Renesas Technology Corp 7220 Datasheet HTML 75Page - Renesas Technology Corp 7220 Datasheet HTML 76Page - Renesas Technology Corp 7220 Datasheet HTML 77Page - Renesas Technology Corp 7220 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 303 page
background image
2-47
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.8 Multi-master I2C-BUS interface
2.8 Multi-master I2C-BUS interface
The multi-master I2C-BUS interface is a serial communications circuit, conforming to the Philips I2C-BUS
data transfer format. This interface, offering both an arbitration lost detection and a synchronous functions,
is useful for the multi-master serial communications.
Figure 2.8.1 shows a block diagram of the multi-master I2C-BUS interface and Table 2.8.1 shows multi-
master I2C-BUS interface functions.
The M37220M3-XXSP/FP does not have this function.
Table 2.8.1 Multi-master I2C-BUS interface functions
Item
Format
Communication mode
SCL clock frequency
Function
In conformity with Philips I2C-BUS standard:
10-bit addressing format
7-bit addressing format
High-speed clock mode
Standard clock mode
In conformity with Philips I2C-BUS standard:
Master transmission
Master reception
Slave transmission
Slave reception
16.1 kHz to 400 kHz (at
f = 4 MHz)
f: System clock = f(X
IN
)/2
Note: We are not responsible for any third party’s infringement of patent rights or other rights attributable
to the use of the control function (bits 6 and 7 of the I2C control register at address 00DA16) for
connections between the I2C-BUS interface and ports (SCL1, SCL2, SDA1, SDA2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com