Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 21Page - Renesas Technology Corp 7220 Datasheet HTML 22Page - Renesas Technology Corp 7220 Datasheet HTML 23Page - Renesas Technology Corp 7220 Datasheet HTML 24Page - Renesas Technology Corp 7220 Datasheet HTML 25Page - Renesas Technology Corp 7220 Datasheet HTML 26Page - Renesas Technology Corp 7220 Datasheet HTML 27Page - Renesas Technology Corp 7220 Datasheet HTML 28Page - Renesas Technology Corp 7220 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 303 page
background image
1-7
7220 Group User’s Manual
Power source
CNVSS
Reset input
Clock input
Clock output
I/O port P0
PWM output
External
interrupt input
Analog input
I/O port P1
CRT output
Multi-master
I2C-BUS
interface
Analog input
External
interrupt input
Input
Input
Output
I/O
Output
Input
Input
I/O
Output
I/O
Input
Input
Apply voltage of 5 V ± 10 % (typical) to VCC, and 0 V to VSS.
Connected to VSS.
To enter the reset state, the reset input pin must be kept at a “L” for
2
µs or more (under normal VCC conditions).
If more time is needed for the quartz-crystal oscillator to stabilize, this
“L” condition should be maintained for the required time.
This chip has an internal clock generating circuit. To control generating
frequency, an external ceramic resonator or a quartz-crystal oscillator
is connected between pins XIN and XOUT. If an external clock is used,
the clock source should be connected to the XIN pin and the XOUT pin
should be left open.
Port P0 is an 8-bit I/O port with direction register allowing each I/O bit
to be individually programmed as input or output. At reset, this port is
set to input mode. The output structure is N-channel open-drain output.
Pins P00–P05 are also used as PWM output pins PWM0–PWM5
respectively. The output structure is N-channel open-drain output.
Pins P06 , P07 are also used as external interrupt input pins INT2,
INT1 respectively.
P06 pin is also used as analog input pin A-D4.
Port P1 is an 8-bit I/O port and has basically the same functions as
port P0. The output structure is CMOS output.
Pins P10 is also used as CRT output pin OUT2. The output structure
is CMOS output.
Pins P11–P14 are used as SCL1, SCL2, SDA1 and SDA2 respectively,
when multi-master I2C-BUS interface is used. The output structure is
N-channel open-drain output.
Pins P15–P17 are also used as analog input pins A-D1 to A-D3
respectively.
P15 pin is also used as external interrupt input pin INT3.
VCC,
VSS
CNVSS
______
RESET
XIN
XOUT
P00
PWM0–
P05/
PWM5,
P0 6/INT2/
A-D4,
P07/INT1
P10/OUT2,
P11/SCL1,
P12/SCL2,
P13/SDA1,
P14/SDA2,
P15/A-D1/
INT3,
P16/A-D2,
P17/A-D3
1.3 Pin description
1.3 Pin description
The pin description is shown in Table 1.3.1.
M37220M3-XXXSP/FP
Refer to “CHAPTER 4. M37220M3-XXXSP/FP.”
Table 1.3.1 Pin description (1)
Pin
Name
Input/
Output
Functions
OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com