Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7220 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 82Page - Renesas Technology Corp 7220 Datasheet HTML 83Page - Renesas Technology Corp 7220 Datasheet HTML 84Page - Renesas Technology Corp 7220 Datasheet HTML 85Page - Renesas Technology Corp 7220 Datasheet HTML 86Page - Renesas Technology Corp 7220 Datasheet HTML 87Page - Renesas Technology Corp 7220 Datasheet HTML 88Page - Renesas Technology Corp 7220 Datasheet HTML 89Page - Renesas Technology Corp 7220 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 303 page
background image
2-59
7220 Group User’s Manual
2.8 Multi-master I2C-BUS interface
(3)
START/STOP condition detect conditions
The START/STOP condition detect conditions are shown in Figure 2.8.11 and Table 2.8.3. Only when
the 3 conditions of Table 10 are satisfied, a START/STOP condition can be detected.
Note: When a STOP condition is detected in the slave mode (MST = 0), an interrupt request signal
“IICIRQ” is generated to the CPU.
Hold time
Setup
time
SCL
SDA
(START condition)
SDA
(STOP condition)
SCL release time
Hold time
Setup
time
Fig. 2.8.11 START condition/STOP condition detect timing diagram
Table 2.8.3
START condition/STOP condition detect conditions
Standard clock mode
6.5
µ s (26 cycles) < SCL release time
3.25
µ s (13 cycles) < Setup time
3.25
µ s (13 cycles) < Hold time
High-speed clock mode
1.0
µ s (4 cycles) < SCL release time
0.5
µ s (2 cycles) < Setup time
0.5
µ s (2 cycles) < Hold time
Note: Absolute time at
f = 4 MHz. The value in parentheses denotes the number of f cycles.
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com